PART |
Description |
Maker |
MS17343 MS17344 MS17345 MS17346 MS17347 MS17348 MS |
Military Standard Connector Index
|
Glenair, Inc.
|
JAN1N4249 1N4245 JAN1N4247 1N4247 JANTX1N4247 1N42 |
Standard Rectifier (trr more than 500ns) MILITARY RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
AD203SN |
Circular Connector; No. of Contacts:8; Series:LJTPQ00R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle Rugged/ Military Temperature Range/ 10 kHz Bandwidth Isolation Amplifier Rugged, Military Temperature Range, 10 kHz Bandwidth Isolation Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
D55342E07B3B74R MIL-CHIP |
Precision Military and Space Qualified Chip Resistors Four industry standard sizes available
|
TT Electronics.
|
CY7C168A CY7C168A-15 CY7C168A-15PC CY7C168A-15VC C |
Circular Connector; No. of Contacts:8; Series:D38999; Body Material:Composite; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle 4K X 4 STANDARD SRAM, 35 ns, PDIP20 4Kx4 RAM 4K X 4 STANDARD SRAM, 35 ns, CDIP20 From old datasheet system Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
3SBC2022A2 B07D112BC4-0203 JMSP-26XL CEW-1C-12B 3S |
Military/Aerospace High Performance Relays Military/Aerospace Mid–Range Relays
|
Tyco Electronics
|
ISL78841ASRHVF ISL78840ASRH ISL78840ASRH10 ISL7884 |
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller; Temperature Range: Military; Package: 8 Ld FlatPack 1 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, CDFP8
|
Intersil, Corp. Intersil Corporation
|
19-09-2151 19-09-1151 |
CONNECTOR 15 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:15; Series:Standard .093"; Connector Body Material:Nylon; Mounting Type:Panel Mount; Number of Rows:3; Pitch Spacing:6.3mm; Contact Termination:Crimp; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
LM2902M LM2902M96 CA0224E CA0224M CA124 CA324 CA22 |
Quad 1MHz Operational Amplifiers for Commercial Industrial and Military Applications Operational Amplifiers for Commercial / Industrial and Military Applications Quad/ 1MHz/ Operational Amplifiers for Commercial/ Industrial/ and Military Applications Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
19-09-2127 |
Multipole Connector; Number of Contacts:12; Series:Standard .093"; Body Material:Nylon 6/6; Number of Rows:2 12 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|