PART |
Description |
Maker |
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
SP0610 SP0610T Q67000-S088 |
From old datasheet system SIPMOS Small-Signal Transistor 130 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BSP123 |
Low Voltage MOSFETs - Small-Signal MOSFET, 100V, SOT-223, RDSon=6 Ohm, 0.37A, LL SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
BSD316SN BSD316SNL6327 |
OptiMOS? Small-Signal-Transistor 1400 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Infineon Technologies AG
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
2SJ289JFTD 2SJ189-TL 2SK1839JJTL |
0.5 A, 100 V, 7.5 ohm, P-CHANNEL, Si, POWER, MOSFET PCP, SC-62, 3 PIN 4000 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251 100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DOMINANT Opto Technologies Sdn. Bhd.
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BSS229 Q62702-S600 |
SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance) 70 mA, 250 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 From old datasheet system
|
NXP Semiconductors N.V. SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BS107 Q67000-S078 |
From old datasheet system SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level) 130 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
|