PART |
Description |
Maker |
UGS04A03T3V3 UGS04A05T3V3 UGS04A12T3V3 UGS04A24T3V |
MAX Guard ESD Suppressor
|
List of Unclassifed Man...
|
2SC5343UF |
Low collector saturation voltage : VCE=0.25V(Max.) Low output capacitance : Cob=2pF(Typ.)
|
TY Semiconductor Co., L...
|
1SS313 |
Small Total capacitance: CT = 1.2pF(Max) Low series resistance: rs = 0.6 (Typ.)
|
TY Semiconductor Co., Ltd
|
1SS222 |
Low capacitance:Ct = 4.0 pF MAX. Wide applications including switching, limitter clipper.
|
TY Semiconductor Co., Ltd
|
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
LSG3351 Q62703-Q2297 LSG_3351 LSG3351-HO |
3 mm (T1) MULTILED / Diffused Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric; Capacitance [nom]: 0.1uF; Working Voltage (Vdc)[max]: 100V; Capacitance Tolerance 3 mm (T1) MULTILED, Diffused From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
YSUSB2 YSUSB2.0-5 |
LOW CAPACITANCE LOW CAPACITANCE TVS DIODE ARRAY
|
Yea Shin Technology Co....
|
BAT54AW BAT54SW BAT54CW |
Low forward voltage Guard ring protected Very small SMD package.
|
TY Semiconductor Co., Ltd
|
1PS76SB10 |
Low forward volatge Guard ring protected Very small plastic SMD package.
|
TY Semiconductor Co., L...
|
PI3B32160AE PI3B32160 PI3B32160A |
3.3V, Low Capacitance 16-Bit to 32-Bit, DeMux NanoSwitchwith Precharged Outputs 3.3V/ Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 3.3V/ Low Capacitance 16-Bit to 32-Bit/ DeMux NanoSwitch with Precharged Outputs
|
Pericom Semiconductor Corporation Pericom Semiconductor Corp. Pericom Technology
|
BB535 Q62702-B580 |
Silicon Variable Capacitance Diode (For UHF and TV/TR tuners Large capacitance ratio, low series resistance) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|