PART |
Description |
Maker |
ILBB0603-RK300V ILBB0603RK300V ILBB-0603 |
Multilayer Ferrite Bead Multilayer Ferrite Beads SWITCH DIP 8POS SIDE ACT LONG
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
BLM21A102SPT BLM11A601SPB BLM31A700SPT BLM41A800SP |
END EMI CHIP BLM21A102SPT 0805 TEMPLATE 1 FUNCTIONS, 0.2 A, FERRITE CHIP FLTR,EMI,,,,200MA,,,,,SM,0603 1 FUNCTIONS, 0.2 A, FERRITE CHIP COIL, BEAD FERRITE 070 OHMS @ 100MHZ B SM, 1206 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BF-LC100505-100 BF-LC201209 BF-LC201209-110 BF-LC2 |
Multilayer Ferrite Chip Bead
|
Caliber Electronics Inc. ETC List of Unclassifed Manufacturers
|
BLM18AG471SN1D BLM18AG121SN1B BLM18AG102SN1D |
FERRITE CHIP 470 OHM 200MA 0603 BEAD FERRITE SM 0603 120@100MHZ 200MA BEAD,FERRITE,1000 OHMS, /-25%,100MA,0603
|
MURATA MANUFACTURING CO LTD
|
SK59S SK58S SK5BS SK52S SK53S SK54S SK55S SK56S SK |
FERRITE TUBULAR BEAD 25.40MM FERRITE TUBULAR BEAD 19.05MM SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
|
Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
BD3/1/4-4S2 BD5.1/0.8/4-3S1 BD8/3/4-4S2 BD8/3/10-4 |
Suppression Bead 1 FUNCTIONS, FERRITE BEAD
|
Yageo, Corp. YAGEO CORP
|
WFB-1.5-281-1-RC10 WFB-2.5-601-2-RC WFB-2.5-681-3- |
Wound Ferrite Beads 1 FUNCTIONS, FERRITE BEAD
|
Allied Components International http://
|
BLM31PG601SN1L BLM31PG601SN1B BLM31PG330SN1L |
FERRITE CHIP 600 OHM 1500MA 1206 1 FUNCTIONS, 1.5 A, FERRITE CHIP IND, FER BEAD, 1.5A, 0.09DCR 1 FUNCTIONS, 1.5 A, FERRITE CHIP Chip EMIFILr Inductor Type Chip Ferrite Beads, 1206 Series
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
BFR6575A0B BFR6575L4L BFR6575A0L FR5050A0F |
1 FUNCTIONS, 7 A, FERRITE BEAD
|
SAMWHA CAPACITOR GROUP
|