PART |
Description |
Maker |
QXK2G684JTPTZH |
Metalized Polyester Film Radial Lead Capacitor; Capacitance: .68uF; Voltage: 400V; Packaging: Bulk CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.68 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
MEM104J1J050B250S |
METALIZED POLYESTER FILM CAPACITORS MEM Series: Stacked Film, Minature
|
RFE international
|
QYS1H222KTP QYP1H223JTP QYS1H334KTP QYP1H333KTP |
Polyester Film Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 5.5x5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 22000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .33uF; Voltage: 50V; Case Size: 11x13 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.33 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 7.5x6 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.033 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
222236865334 222236865104 222236865333 22223686515 |
CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.33 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.1 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.039 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.012 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.12 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.018 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.18 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.27 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.027 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.22 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, METALLIZED FILM, POLYESTER, 630 V, 0.39 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
MKS020.01/63/20AMMO16.5 MKS020.015/63/20ROLL16.5 M |
CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.01 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.015 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.033 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.0022 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 0.047 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Electronic Theatre Controls, Inc. Vishay Intertechnology, Inc. IRC Advanced Film LEDtronics, Inc.
|
160473J250C-F |
FILM/M CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.047 uF, THROUGH HOLE MOUNT
|
Cornell Dubilier Electronics, Inc.
|
PM94-20.22UF20400V PM94-20.47UF20400V PM94-34.7UF2 |
CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.22 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.47 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 4.7 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 4.7 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 400 V, 0.47 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.22 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 1.5 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 250 V, 0.22 uF, THROUGH HOLE MOUNT DIP-12 CAPACITOR, METALLIZED FILM, POLYESTER, 50 V, 15 uF, SURFACE MOUNT CAPACITOR, METALLIZED FILM, POLYESTER, 63 V, 1.5 uF, THROUGH HOLE MOUNT DIP-12
|
Stackpole Electronics, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Synergy Microwave, Corp.
|
PMD105M2E |
METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
|
RFE international
|
MKT1826 MKT1826-533-055 MKT1826-533-055-D MKT1826- |
C-values 1000 pF - 4.7 μF, Voltage 40 - 250 VDC, Max. temp. 125°C, High pulse load, Stacked film, PCM 5 Metallized Polyester Film Capacitor
|
Vishay Siliconix
|
GBU10005 GBU1001 GBU1004 GBU1002 GBU1006 GBU1008 G |
Metalized Polyester Film Axial Lead Capacitor; Capacitance: 1uF; Voltage: 250V; Case Size: 23x14 mm; Packaging: Bulk 10A GLASS PASSIVATED BRIDGE RECTIFIER Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 16V; Case Size: 10x13 mm; Packaging: Bulk 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
DIODES[Diodes Incorporated] Diodes, Inc.
|
|