PART |
Description |
Maker |
LY62L1025616LL-55SLE |
1024K X 16 BIT LOW POWER CMOS SRAM
|
Lyontek Inc.
|
CAT28C010 CAT28C010HNI-12T CAT28C010NI-12T CAT28C0 |
1024K-Bit CMOS PARALLEL E2PROM
|
Catalyst Semiconductor http://
|
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
24LC1025-I_P 24LC1025-I_SM 24LC1025-E_P 24LC1025-E |
1024K I2C?CMOS Serial EEPROM 1024K I2C?/a> CMOS Serial EEPROM 1024K I2C垄芒 CMOS Serial EEPROM 1024K I2C?/a> CMOS Serial EEPROM 1024K I2C CMOS Serial EEPROM
|
Microchip Technology
|
EN29SL800T-90TC EN29SL800T-90TCP EN29SL800T-90TI E |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
|
Eon Silicon Solution Inc.
|
EN29LV800AB-55RBI EN29LV800AT-55RBIP EN29LV800AT-5 |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
http://
|
EN29LV160B-90B EN29LV160B-90BI EN29LV160B-90BIP EN |
16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
|
Eon Silicon Solution Inc.
|
EN29F800T90S EN29F800T90SI EN29F800T90T EN29F800T9 |
8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 5.0 Volt-only
|
Eon Silicon Solution
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
24AA1025-E/P 24FC1025-E/P 24LC1025-E/P 24AA1025-E/ |
1024K I2C CMOS Serial EEPROM 1024K I2CCMOS Serial EEPROM 1024K I2C?/a> CMOS Serial EEPROM
|
Microchip Technology Inc.
|