PART |
Description |
Maker |
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
MIC23250-GFHYMT MIC23250-G4YMT MIC23250-C4YMT MIC2 |
4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD⑩
|
Micrel Semiconductor
|
MIC23254 MIC23254-GCYMT |
4MHz Dual 400mA Synchronous Buck Regulator with Low Input Voltage and HyperLight Load??/a> 4MHz Dual 400mA Synchronous Buck Regulator with Low Input Voltage and HyperLight Load?/a>
|
Micrel Semiconductor
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
LTC3561 LTC3561EDD |
1A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3568-15 |
1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3414 |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear
|
BD90541MUV-C BD90541MUV-CE2 |
2.6V to 5.5V, 2A, 0.3MHz to 2.4MHz Synchronous Step-Down Converter
|
ROHM
|
LTC3614 LTC3614EUDD-PBF LTC3614EUDD-TRPBF LTC3614I |
4A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
XF45061 |
600mA 4MHz Synchronous Step-Down DC/DC Converter
|
XySemi
|
LTC3406 LTC3410B LTC3412A LTC356512 LTC3407A LTC34 |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
|
Linear Integrated Systems Linear Technology
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|