PART |
Description |
Maker |
LTC2656CCFE-L16PBF LTC2656CCUFD-L16PBF LTC2656CIFE |
Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference; Package: 20-QFN; Temperature Range: –40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
MAX520 MAX521BC/D MAX520-MAX521 MAX521ACWG-T MAX52 |
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 2 us SETTLING TIME, 8-BIT DAC, PDIP16 Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 Quad/Octal / 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
LTC2657BCUFD-H16PBF LTC2657BCUFD-H16TRPBF LTC2657B |
Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/°C Max Reference
|
Linear Technology
|
MAX520/MAX521 |
Quad/Octal 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
|
Maxim Integrated Products, Inc.
|
MAX5258 MAX5258EEE MAX5259EEE |
3V/ 5V / Low-Power / 8-Bit Octal DACs with Rail-to-Rail Output Buffers
|
Maxim
|
M74HC534 M74HC534B1R M74HC534C1R M74HC534F1R M74HC |
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC374 NON INVERTING - HC534 INVERTING 8-Bit, 1.25 MSPS Single Ch., Hardware Config., Low Power w/Auto or S/W PowerDown 24-TSSOP -40 to 85 八路D型触发器态输出的非反相HC374 - HC534反向 4.5ns Rail-to-Rail, High Speed Comparator in Microsized Packages 8-SOIC -40 to 125
|
ST Microelectronics STMicroelectronics N.V.
|
EN29F002T-55PI EN29F002T-55JI EN29F002T-90J EN29F0 |
2 Megabit (256K x 8-bit) Flash Memory 2兆位56K × 8位)闪存 5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, 1/8 Unit Load, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC Octal D Flip-Flop with 3-STATE Outputs; Package: TSSOP; No of Pins: 20; Container: Rail Octal D Flip-Flop with 3-STATE Outputs; Package: DIP; No of Pins: 20; Container: Rail
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ADC0804 ADC0803LCD ADC0803LCN ADC0804-1CD ADC0804- |
Octal Buffer/Line Driver, OE Active Low IC 16-BIT OCTAL REG 48 TSSOP AC 11C 11#16 SKT RECP IC OCTAL BUFF/LINE DRV 20 QSOP CMOS 8-bit A/D converters
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MM74HCT240 MM74HCT240MTC MM74HCT240N MM74HCT240SJ |
Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer From old datasheet system Precision Air-Core Tach/Speedo Driver with Return to Zero; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD |
2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP 2.5V to 5.5V, 115A Single Rail-to-Rail Voltage Output 8-Bit DAC with Parallel Interface in 20-lead TSSOP From old datasheet system D/A CONVERTER,SINGLE,8-BIT,CMOS,SSOP,20PIN 2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
Analog Devices Inc AD[Analog Devices]
|
LTC1658 1658F LTC1658CMS8 LTC1658CN8 LTC1658CS8 LT |
14-Bit Rail-to-Rail Micropower DAC in MSOP SERIAL INPUT LOADING, 12 us SETTLING TIME, 14-BIT DAC, PDIP8 From old datasheet system
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|