PART |
Description |
Maker |
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
BD9B331GWZ |
Fast transient response with On time control system
|
Rohm
|
NCP176AMX300TCG |
Fast Transient Response Low Voltage 500 mA LDO
|
ON Semiconductor
|
LT1764A |
3A, Fast Transient Response, Low Noise, LDO Regulators
|
linear
|
LT1764AEFE LT1764AEFE-1.5 LT1764AEFE-1.8 LT1764AEF |
3A, Fast Transient Response, Low Noise,LDO Regulators
|
Linear Technology
|
LT1963AEFE LT1963AEFE-1.5 LT1963AEFE-1.5PBF LT1963 |
1.5A, Low Noise,Fast Transient Response LDO Regulators
|
Linear Technology
|
NCP57152DSADJR4G NCP57152MNADJTYG NCV57152MNADJTYG |
1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator 1.5A Very Low-Dropout (VLDO) Fast Transient Response Regulator
|
ON Semiconductor
|
NCP58302DSADJR4G NCP58300 |
3.0A, Very Low-Dropout (VLDO) Fast Transient Response Regulator series
|
ON Semiconductor
|
LT1764AEQ-1.5 LT1764AEQ-1.8 LT1764AEQ-2.5 LT1764AE |
3A, fast transient response, low noise, LDO regulator, 1.5V output 3A, fast transient response, low noise, LDO regulator, 1.8V output 3A, fast transient response, low noise, LDO regulator, 2.5V output 3A, fast transient response, low noise, LDO regulator, 3.3V output
|
Linear Technology
|
TCR2EF18 TCR2EF11 TCR2EF17 TCR2EF21 TCR2EF23 TCR2E |
200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
|
Toshiba Semiconductor
|
|