PART |
Description |
Maker |
BGE883BO |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 50V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 5K/REEL-13 FIBER OPTIC RECEIVER, 1290-1600nm, PANEL MOUNT Optical receiver module
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BGY887BOFC |
24 V, optical receiver module
|
Philips
|
BGY847BO |
Optical receiver module
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BGE67BO BGE67BO_SC BGE67BO/SC BGE67SC |
Optical receiver module 光接收模
|
NXP Semiconductors N.V. Philips Semiconductors
|
SBM51414X SBM51414 SBM51414A SBM51414P SBM51414PE9 |
BIDI Transceiver Optical Module 比迪⑩光收发模块1300纳米Emitting-/1550纳米接收功能,中功率 BIDI TM Transceiver Optical Module 1300 nm Emitting-/1550 nm Receiving Function, Medium Power From old datasheet system BIDI⑩Transceiver Optical Module 1300 nm Emitting-/1550 nm Receiving Function, Medium Power BIDI?Transceiver Optical Module 1300 nm Emitting-/1550 nm Receiving Function, Medium Power
|
Infineon Siemens Semiconductor Group
|
NDL7910PC NDL7603P NDL7910P |
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION 1 550 nm OPTICAL FIBER COMMUNICATIONS EA MODULATOR INTEGRATED MQW-DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH APPLICATIONS Optical Fiber Communication Laser Diode(光纤通信激光二极管)
|
NEC[NEC] NEC Corp.
|
PX6429 |
12 x 10 Gb/s TIA/LA Optical Receiver
|
Zarlink Semiconductor Inc
|
P1RX6A-SX51-01M |
The P1RX6-SX51-01M (RX-SX51) is an optical module that receives and converts an optical HDMI signal.
|
ORION FANS
|
S0188-TRPV3GER1C000E2G |
Single Channel Optical Receiver
|
OPLINK Communications Inc. OPLINK Communications I...
|
SPS-9110V-1RG |
1260 to 1620 nm / 3 Gb/s Single Optical SM Receiver
|
Optoway Technology Inc
|
N4917A N49.7A |
Optical Receiver Stress Test Solution
|
Agilent(Hewlett-Packard)
|