PART |
Description |
Maker |
VBO36-12NO8 VBO20-16NO2 VBE20-20NO1 FBO40-12N VBO6 |
3 PHASE, 30 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 31 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 20 A, 2000 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridgein ISOPLUS i4-PAC-TM 40 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 65 A, 1800 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS CORP
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBI25005 DBI25-005 DBI25-01 DBI25-02 DBI25-04 DBI2 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LAMBDA PART RoHS Compliant: Yes 3 PHASE, 4 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Three-Phase Si-Bridge Rectifiers 3 PHASE, 4 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE XTAL CER SMT 6X3.5 2PAD Front Panel Terminals; For Use With:Lambda ZUP Series Switch Mode Power Supplies CRYSTAL OSCILLATOR CITIZEN CS1016.000MABJTR 16MHZ CS10
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
G37100B1EB1 G3760B1EB1 G3780B1EB1 G3720B1EB1 G3740 |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 1000; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 600; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 800; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 400; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
KBPC108 KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 K |
3A,6A single phase rectifier bridges 3 A Single Phase Rectifier Bridges(3A 单向整流器桥) 三单相整流桥3A条单向整流器桥) 6 A Single Phase Rectifier Bridges(6A 单向整流器桥) 1000V Bridge in a D-72 package 800V Bridge in a D-72 package 600V Bridge in a D-72 package 400V Bridge in a D-72 package 200V Bridge in a D-72 package 50V Bridge in a D-72 package 1000V Bridge in a D-46 package 600V Bridge in a D-46 package 400V Bridge in a D-46 package 200V Bridge in a D-46 package 100V Bridge in a D-46 package 50V Bridge in a D-46 package 800V Bridge in a D-46 package 6 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Vishay Siliconix International Rectifier, Corp. VISHAY SEMICONDUCTORS
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
KBPC5010 MB5005 KBPC5001 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
SB601 SBT607 SB6 SB602 SB603 SB604 SB605 SB606 SB6 |
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers 单相6.0安培。硅桥式整流 Bridge: Standard
|
Taiwan Semiconductor Co... Taiwan Semiconductor Compan... Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd]
|
MB354 KBPC3502 KBPC35005 KBPC3508 KBPC3504 KBPC351 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER Hex Schmitt-Trigger Inverters 14-TSSOP -40 to 85 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs 14-SOIC -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
RS1001M RS1002M RS1005M RS1007M RS1003M RS1004M RS |
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes) 10 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
Lumex, Inc. RECTRON[Rectron Semiconductor]
|