PART |
Description |
Maker |
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
MC1066DBR2 MC1066 |
Hex Inverter Buffers/Drivers With Open-Collector High-Voltage Outputs 14-CDIP -55 to 125 ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
|
ONSEMI[ON Semiconductor]
|
ATF1502ASL-25JC44 ATF1502ASL-25JI44 ATFI1502AS ATF |
High-performance EEPROM CPLD EE PLD, 10 ns, PQCC44 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-TSSOP -40 to 125 32 Macrocell, standard power w/ISP, 5V 32 Macrocell, low power w/ISP, 5V
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HG4182 HG4182_012R-ZS4 HG4182_012-D HG4182_012-D4 |
Hex Bus Drivers With 3-State Outputs 16-CDIP -55 to 125 微型汽车可插 PCB功率继电 Cartridge Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 微型汽车可插 PCB功率继电 CAC 4C 4#12 PIN RECP BOX 微型汽车可插 PCB功率继电 MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY 微型汽车可插 PCB功率继电 Hex Bus Drivers With 3-State Outputs 16-CFP -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Quadruple 2-Input Positive-NOR Buffers With Open-Collector 14-CFP -55 to 125
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
74ACTQ0407 74ACTQ04 74ACTQ04SJX 74ACTQ04SJ 74ACTQ0 |
Quiet Series Hex Inverter; Package: SOP; No of Pins: 14; Container: Tape & Reel ACT SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Quiet Series⑩ Hex Inverter Quiet Series?Hex Inverter
|
Fairchild Semiconductor, Corp.
|
HD74LS07FPEL HD74LS07 HD74LS07P |
Hex Buffers / Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
HD74ALVC2G06 |
Triple Inverter Buffers/Drivers with Open Drain
|
Hitachi Semiconductor
|
M27W102-100B6TR M27W102-100F6TR M27W102-100K6TR M2 |
Hex Drivers 14-SO 0 to 70 1兆位64Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 Hex Drivers 14-PDIP 0 to 70 Hex Drivers 14-SOIC 0 to 70 PARTITION ISO FOR TERMINAL BLOCK TEST PLUG FOR TERMINAL BLOCK 1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
HEC4049 HEC4049B HEF4049 HEF4049B HEF4049BD HEF404 |
IC-4000 LOCMOS buffers HEX inverting buffers 六角反相缓冲区缓冲区
|
NXP Semiconductors N.V. Philips Semiconductors
|