PART |
Description |
Maker |
LANC123.3W12 LANC123.3W12-S |
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries, Inc. Wall Industries,Inc.
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
05738 05738-2 |
HEATSINK CROSSFLOW, MINI MOD (40 HG, SLOTTED) 散热器横流,迷你国防部(40汞,开槽) HEATSINK CROSSFLOW MINI MOD (40 HG SLOTTED)
|
Vicor, Corp. VICOR[Vicor Corporation]
|
A7407 A7407E6R A7407E6VR |
DC-DC CONVERTER/ BUCK INPUT STANDOFF VOLTAGE STEP-DOWN CONVERTER
|
AIT Components Ltd.
|
FAWD-1205 FAWD-1205T FAWD-1212 FAWD-1212T FAWD-121 |
DC-DC Converter UNIT 10W WIDE INPUT RANGE DC-DC CONVERTER
|
Power Systems GmbH Co.KG http://
|
AD13465/PCB AD13465AF 5962-0150601HXA AD13465BZ |
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning 双通道4位,65 MSPS的A / D转换的模拟输入信号调 ECONOLINE: RD & RC - Dual Output from a Single Input Rail- 1kVDC & 2kVDC Isolation- Power Sharing on Output- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 86% Dual Channel/ 14-Bit/ 65 MSPS A/D Converter with Analog Input Signal Conditioning
|
Analog Devices, Inc.
|
FWD-1205 FWD-1209 FWD-1212 FWD-4805 FWD-4812 FWD-4 |
DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
|
http:// Power Systems GmbH Co.KG
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
2-103414-0 1-103414-0 6-103414-0 1-103414-1 6-1034 |
ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, (4) SIDED SHROUD ASSEMBLY, MOD II, HEADER, SINGLE ROW .100 C/L, (4) SIDED SHRUD
|
Tyco Electronics
|
HI3286 |
A/D Converter, 8-Bit, 160MSPS, Input Bandwidth 250MHz, Flash, with PS Power Saving Pin 8Bits 160MSPS, Flash A/D Converter(8浣??60MSPS ???A/D杞???? 8Bits 160MSPS, Flash A/D Converter(8位60MSPS 闪存A/D转换
|
Intersil Corporation
|