PART |
Description |
Maker |
DBCIDCB5S03AG1 DBCIDCB5D04AG1 DBCIDCB5S20AG1 DBCID |
FEMALE HEADERS FEMALE HEADER STRAIGHT - 8.4mm PROFILE
|
Dubilier
|
DBCIDCB11S03AG1 |
FEMALE HEADERS FEMALE HEADER RIGHT ANGLE - 8.6mm PROFILE
|
Dubilier
|
DBCIDCB7S04AG1 DBCIDCB7S03AG1 DBCIDCB7S40AG1 DBCID |
FEMALE HEADERS FEMALE HEADERS RIGHT ANGLE - 8.4mm PROFILE
|
Dubilier
|
DBCIDCB27D14BS1 DBCIDCB27DD20BS1 DBCIDCB27DD02BS1 |
FEMALE HEADER FEMALE HEADER SMT - 6.4MM
|
Dubilier
|
39-01-2225 39-01-2025 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE Multipole Connector; Gender:Female; Number of Contacts:2; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V
|
Molex, Inc. MOLEX INC
|
PE9556 |
7/16 DIN Tee Adapter Female-Female-Female
|
Pasternack Enterprises,...
|
15-45-3522 15-45-3570 15-45-3624 15-45-3532 15-45- |
Connector; Number of Contacts:22; Pitch Spacing:0.1"; Number of Rows:2; Mounting Type:PCB; Gender:Header 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 70Ckt 70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,PLUG,24 Contacts,SKT,0.1 Pitch 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid VT SMT Rcpt w/peg 15 SAu 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT A-71395-0042 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 15453614
|
Molex, Inc. MOLEX INC
|
51146-1200 51146-2000 51146-0700 |
1.25 W/B HSG 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header; No. of Contacts:20; Pitch Spacing:0.049"; No. of Rows:1; Gender:Female; Series:PanelMate; Body Material:PBT Polyester RoHS Compliant: Yes 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Header; No. of Contacts:7; Pitch Spacing:0.049"; No. of Rows:1; Gender:Female; Series:PanelMate; Body Material:PBT Polyester RoHS Compliant: Yes 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
20P170-4 20PR107-1 20AS111-1 20P125-10 20JS105-15 |
CABLE TERMINATED, MALE, RF CONNECTOR, PLUG PANEL MOUNT, MALE, RF CONNECTOR, SOLDER PANEL MOUNT, CABLE TERMINATED, FEMALE-FEMALE, RF STRAIGHT ADAPTER, JACK PANEL MOUNT, FEMALE, RF CONNECTOR, JACK CABLE TERMINATED, FEMALE-FEMALE, RF RIGHT ANGLED ADAPTER, JACK FEMALE-FEMALE-FEMALE-MALE, RF CROSS ADAPTER CABLE TERMINATED, MALE-FEMALE, RF RIGHT ANGLED ADAPTER CABLE TERMINATED, FEMALE-MALE-FEMALE, RF TEE ADAPTER PANEL MOUNT, FEMALE, RF CONNECTOR, SOLDER CABLE TERMINATED, FEMALE-FEMALE-MALE, RF TEE ADAPTER
|
SPECIALTY CONNECTOR CO INC
|
B13A12BGC1 B13A12BTA1 B13A12BTC1 B13A12BSB1 B13A12 |
FEMALE HEADER RIGHT ANGLE 母直
|
DB Lectro, Inc.
|
B13A12BTA1 B13A240BTC1 B13A B13A12BGA1 B13A12BGB1 |
FEMALE HEADER RIGHT ANGLE
|
DBLECTRO[DB Lectro Inc]
|
|