PART |
Description |
Maker |
BC856BS |
65 V, 100 mA PNP/PNP general-purpose transistor 65 V, 100 mA PNP-PNP general-purpose transistor 100 mA, 65 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
KTC9012S |
General Purpose Transistor EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING APPLICATION
|
Korea Electronics (KEC) KEC(Korea Electronics)
|
B120NH03L 2SA1020G 2SA1020RLRA 2SA1020RLRAG 2SA177 |
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion One Watt High Current PNP Transistor VOLTAGE AND CURRENT ARE NEGATIVE FOR PNP TRANSISTORS PNP Silicon General Purpose Amplifier Transistor NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT Low-Voltage 1.8/2.5/3.3 V 8-Bit Transceiver Switching Diode MPPS Miniature Package Power Solutions DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET Low?Voltage 1.8/2.5/3.3V 16?Bit Transparent Latch 8?Bit Bus Switch Low?Voltage 1.8/2.5/3.3V 16?Bit Transceiver
|
STMICROELECTRONICS ZETEX ONSEMI[ON Semiconductor]
|
MSB92AWT1G MSB92AWT1 MSB92WT1 MSB92WT1G |
PNP Silicon General Purpose High Voltage Transistor(PNP通用高电压硅晶体 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MSB709RT1 MSB709-RT1 ON2370 |
PNP General Purpose Amplifier Transistor Surface Mount 100 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
2PA1576RT/R 2PA1576Q 2PA1576S |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN PNP general-purpose transistor
|
NXP Semiconductors N.V.
|
MMBT2131T1-D |
General Purpose Transistors PNP Bipolar Junction Transistor (Complementary NPN Device: MMBT2132T1/T3) NOTE: Voltage and Current are negative for the PNP Transistor.
|
ON Semiconductor
|
CD9015 CD9015D2 |
0.625W General Purpose PNP Plastic Leaded Transistor. 50V Vceo, 0.100A Ic, 570 - 840 hFE PNP SILICON PLANAR TRANSISTOR
|
List of Unclassifed Manufacturers ETC[ETC] CDIL Continental Device India Limited
|
CSB1116 CSB1116A CSB1116G CSB1116L CSB1116Y |
0.750W General Purpose PNP Plastic Leaded Transistor. 50V Vceo, 1.000A Ic, 135 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 200 - 400 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 300 - 600 hFE 0.750W General Purpose PNP Plastic Leaded Transistor. 60V Vceo, 1.000A Ic, 135 - 270 hFE
|
Continental Device India Limited
|
BC858CDXV6 BC858CDXV6T1 BC858CDXV6T5 |
General Purpose PNP Transistor Dual General Purpose Transistor
|
ONSEMI[ON Semiconductor]
|
CIT8550 CIT8550A CIT8550C CIT8550B CIT8550D |
0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 60 - 400 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 60 - 120 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 120 - 240 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 85 - 170 hFE 0.625W General Purpose PNP Plastic Leaded Transistor. 20V Vceo, 2.000A Ic, 200 - 400 hFE
|
Continental Device India Limited
|