PART |
Description |
Maker |
SST37VF010 SST37VF010-70-3C-NH SST37VF010-70-3C-PH |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDIP32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 512K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 256K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 64K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 DIODE ZENER SINGLE 300 - 350mW 47Vz 2mA-Izt 0.0638 0.1uA-Ir 32.9 SOT-23 3K/REEL 128K X 8 FLASH 2.7V PROM, 90 ns, PQCC32 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 128K X 8 FLASH 2.7V PROM, 70 ns, PDSO32 DIODE ZENER SINGLE 300 - 350mW 43Vz 2mA-Izt 0.0698 0.1uA-Ir 30.1 SOT-23 3K/REEL DIODE ZENER SINGLE 300mW 4.3Vz 5mA-Izt 0.0698 3uA-Ir 1 SOT-23 3K/REEL 512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
|
SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc. SST[Silicon Storage Technology, Inc]
|
8050AH P8749H P8748H 8039AHL 8035AHL 8049AH 8040AH |
HMOS single-component 8-bit microcontroller, programmable ROM = 1K x 8, 64 x 8 data memory HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER HMO的单分量8位微控制 IGBT Modules up to 1200V Chopper; Package: PG-TQFP-100; Max Clock Frequency: 20.0 MHz; SRAM (incl. Cache): 6.0 KByte; CAN Nodes: 0; A / D input lines Hmos Single-Component 8 Bit Microcontroller
|
Intel, Corp. Intel Corp. INTEL[Intel Corporation] http://
|
TP87C54 TP87C54-20 TN87C54-20 AN87C54-20 AP87C54 A |
From old datasheet system CHMOS Single-Chip 8-Bit Microcontoller with 16 KBytes User Programmable EPROM CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
|
Intel Corporation
|
ML2350CCP_12 ML2350CCP_5 ML2350CCS_5 ML2350CIS_12 |
Single Supply, Programmable 8-Bit D/A Converters Single Supply Programmable 8-Bit D/A Converters Single Supply / Programmable 8-Bit D/A Converters
|
MICRO-LINEAR[Micro Linear Corporation]
|
N80535 N80515 80535 80515 |
8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8 Bit Single-Chip Microcontroller 8-Bit Single-Chip Microcontroller
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
UPD75P64 UPD75P54CS UPD75P64G UPD75P54G UPD75P64CS |
4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputers With Serial I/O 4-Bit, Single-Chip, One-Time Programmable (OTP) CMOS Microcomputers With Serial I/O 4位,单芯片,一次性可编程OTP)的CMOS单片机串行I /输出
|
NEC[NEC] NEC, Corp.
|
LC86P7148 LC867148 LC867140 LC867108 LC867112 LC86 |
8-Bit Single Chip Microcontroller with One-Time Programmable PROM
|
SANYO[Sanyo Semicon Device]
|
ADP3209JCPZ-RL |
5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
|
ON Semiconductor
|
ML2340 |
Single Supply, Programmable 8-Bit D/A Converters(单电源可编程8位D/A转换
|
Fairchild Semiconductor Corporation
|
LC865608 LC865612 LC865616 LC865620 LC865624 LC865 |
8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
|
SANYO[Sanyo Semicon Device]
|
LC86P5420 LC865404 LC865408 LC865412 LC865504 LC86 |
8-Bit Single Chip Microcontroller with the One-Time Programmable PROM CMOS IC
|
SANYO[Sanyo Semicon Device]
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|