PART |
Description |
Maker |
209-3LPST 209-2LPST 209-10LPST 209-8LPST 209-7LPST |
SWITCH SPST AUTO 3 SEC SLIDE DIP SWITCH-3SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 2 SEC SLIDE DIP SWITCH-2SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 10 SEC SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 8 SEC SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SWITCH SPST AUTO 7 SEC SLIDE DIP SWITCH-7SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT Through Hole DIP Switch SWITCH RAISED ACTUATOR 5 SEC SLIDE DIP SWITCH-5SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT SLIDE DIP SWITCH-4SWITCHES, SPST, LATCHED,0.1A, 20VDC, THROUGH HOLE-STRAIGHT
|
CTS, Corp. CTS Corporation
|
HIF2B-10D-2.54RA HIF2B-10D-2.54RB HIF2B-10D-2.54RS |
14 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 16 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 24 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG 10 CONTACT(S), MALE, STRAIGHT DIP CONNECTOR, IDC, PLUG CONNECTOR ACCESSORY 连接器附 HIF2B SERIES DIP PLUG HIF2B系列DIP插头
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC.
|
218-10LPSTJF 218-08LPSTJF 218-12LPST |
SMT half pitch DIP switch-Auto placeable SLIDE DIP SWITCH-10SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SMT half pitch DIP switch-Auto placeable SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.025A, 24VDC, SURFACE MOUNT-STRAIGHT SWITCH DIP HALF PITCH 12P GW SMD
|
CTS, Corp. CTS CORP
|
PC3SH11YFZ PC3SH11YFZAF PC3SH11YIPB PC3SH11YIPBF |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 4 pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER SMT, PLASTIC, DIP-4 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-4
|
Sharp Electrionic Components Sharp Microelectronics of the Americas Sharp Electronics, Corp.
|
206-314ST 206-126ST 206-3ST |
SLIDE DIP SWITCH-4SWITCHES, 3PST, LATCHED,0.05A, 24VDC, THROUGH HOLE-STRAIGHT SLIDE DIP SWITCH-6SWITCHES, SPDT, LATCHED,0.05A, 24VDC, THROUGH HOLE-STRAIGHT SWITCH GOLD SEALED 3 SEC
|
CTS CORP
|
PC123SJ0000F PC123Y2J000F PC123YSJ000F PC123Y5J000 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Microelectronics of the Americas Sharp Electronics, Corp. Sharp Electrionic Components Sharp Electrionic Compo...
|
PC123X2YUP0F PC123X1NSZ0F PC123X1NUP0F PC123X2NSZ0 |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, SMT, DIP-4 DIP 4pin Reinforced Insulation Type Photocoupler
|
Sharp Electrionic Components
|
194-6MST 194-5ST |
SWITCH SIDE ACTUATED GOLD 6 SEC PIANO DIP SWITCH-6SWITCHES, SPST, MOMENTARY,0.05A, 24VDC, THROUGH HOLE-STRAIGHT PIANO DIP SWITCH-5SWITCHES, SPST, MOMENTARY,0.05A, 24VDC, THROUGH HOLE-STRAIGHT
|
CTS, Corp. CTS CORP
|
1N962 1N963 1N967 1N978 1N957 1N958 1N959 1N960 1N |
30 V, 4.2 mA, silicon planar zener diode 7.5 V, 16.5 mA, silicon planar zener diode SILICON PLANAR ZENER DIODES 14PX2R TH STRAIGHT CONN, 3PX1R TH STRAIGHT CONN. 2 POSITIONS ALIGNED 2.54MM 1X30FT SELF-FUSING TAPE DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Solder Tail; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 硅平面稳压二极管 CONN HDR 8POS RT ANG POST 硅平面稳压二极管 DIP Socket; No. of Contacts:28; Pitch Spacing:0.1"; Row Spacing:0.6"; Terminal Type:Wire Wrap; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 V, 12.5 mA, silicon planar zener diode 39 V, 3.2 mA, silicon planar zener diode 6.8 V, 18.5 mA, silicon planar zener diode
|
http:// SEMTECH[Semtech Corporation] Semtech, Corp. Honey Technology
|
PR32MA11NTZ PR22MA11NTZF |
IT(rms)?.15A, Non-Zero Cross type DIP 6pin SSR TRIGGER OUTPUT SOLID STATE RELAY, 5000 V ISOLATION-MAX LEAD FREE, PLASTIC, DIP-6
|
Sharp Electrionic Components Sharp Electronics, Corp.
|
5-1825059-8 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; ADF12SATTR04=DIP,FLUSH,SMT-JL ( Tyco Electronics )
|
Tyco Electronics
|
|