PART |
Description |
Maker |
XC2VP40-5FF1152C XC2VP40-5FF1152I XC2VP40-5FFG1152 |
Virtex-II Pro and Virtex-II Pro X Platform FPGAs
|
Xilinx, Inc
|
XC2V1000 XC2V8000 XC2V1000-4FG456C XC2V1000-4FG456 |
From old datasheet system Virtex-II Platform FPGAs: Complete Data Sheet
|
XILINX[Xilinx, Inc]
|
XC2V10000 XC2V2000 |
Virtex-II 1.5V Field-Programmable Gate Arrays(Virtex-II 1.5V 现场可编程门阵列) 的Virtex - II 1.5V的现场可编程门阵列(的Virtex - II 1.5V的现场可编程门阵列)
|
Xilinx, Inc.
|
XQ4000E-SERIES XQ4000EX-SERIES XQ4010E-3CB196M XQ4 |
QPRO XQ4000E/EX QML High-Reliability FPGAs QPRO QML high-reliability FPGA.
|
Xilinx
|
XC6VCX195T XC6VCX130T |
Virtex-6 CXT Family
|
XILINX
|
XCV100 |
Virtex Field Programmable Gate Array
|
Xilinx
|
XCV50E |
Virtex-e Field Programmable Gate Array
|
Xilinx
|
XC6VCX130T XC6VCX75T XC6VCX240T-1FFG1156C |
Virtex-6 CXT Family Data Sheet
|
Xilinx, Inc
|
S1724BBBA S1724BDBA S1724CBBA S1724CDBA S1724DDBA |
Optical amplifier platform, erbium-doped fiber amplifier. P0=16.0 dBm. Connector FC/PC. Without heat sink. Optical Amplifier Platform1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform/1724-Type Eribium-Doped Fiber Amplifier(S and V Series) Optical Amplifier Platform,1724-Type Eribium-Doped Fiber Amplifier(S and V Series) 光放大器平台,1724 -型Eribium铒光纤放大器(S和V系列 BOARD INTERFACE KGZ/GMS 0-25% Optical amplifier platform, erbium-doped fiber amplifier. P0=13.0 dBm. Connector FC/PC. Without heat sink.
|
AGERE[Agere Systems] ERICSSON Austin Semiconductor, Inc
|
MC1321108 MC13211 MC13212 MC13213 |
ZigBee垄芒- Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE垄莽 802.15.4 Standard plus Microcontroller ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE庐 802.15.4 Standard plus Microcontroller ZigBee? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE? 802.15.4 Standard plus Microcontroller
|
Freescale Semiconductor, Inc
|
XCF128XFTG64C DS617 XCF32PV0G48C |
Platform Flash XL High-Density Configuration and Storage Device 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA64 Platform Flash XL High-Density Configuration
|
Xilinx, Inc.
|