PART |
Description |
Maker |
SPVR110100 SPVR120100 |
Low-profile Lever Type
|
ALPS ELECTRIC CO.,LTD.
|
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
GP1A40 |
CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
CT09-15S5-S3-K228 CT09-15S5-S3-K228-PC99 |
90隆? SMT Type - Low Profile (Female) 90° SMT Type - Low Profile (Female)
|
Yamaichi Electronics Co., Ltd.
|
SLLB5 |
Lever and Push Operation Type Switch
|
ALPS ELECTRIC
|
10CV100BE 16CV33BE 10CV47BE 10CV68BE 10CV33BE 10CV |
3 PR #24 FEP FS FLMRST RoHS Compliant: Yes 表面贴装型微型,超高度低调三点九毫米 Surface Mount Type Miniature, Super low profile 3.9mm height 表面贴装型微型,超高度低调三点九毫米 Surface Mount Type Miniature Super low profile 3.9mm height
|
Sanyo Electric Co., Ltd. Crystek, Corp. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
348 344601 344602 344603 344604 344605 344801 3448 |
Low Profile Snap Mount Type
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
070207FR |
15 PIN D-SUB CONNECTOR FEMALE R/A TYPE LOW PROFILE
|
SUYIN USA, INC.
|
XT49SR-20SP12ME2 XT49S XT49SR-20SL12ME2 |
Low Profile Holder Type Crystal Units
|
VISAY[Vishay Siliconix]
|
FTR-F1CD003T FTR-F1CD003V FTR-F1AD012T FTR-F1AD012 |
POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
|
Fujitsu Component Limited. Fujitsu Component Limit...
|