PART |
Description |
Maker |
R858H8B-2 R858H8B-3 R858L8D60 R858L8D60-2 R858L8D6 |
2 x 4 Range Switch 8-Pole Filters 2" x 4" Range Switch 8-Pole Filters
|
Frequency Devices, Inc.
|
HI4-0201HS/883 HI1-0201HS-8 |
High Speed, Quad SPST, CMOS Analog; Temperature Range: -55°C to 125°C; Package: 20-LCC QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CQCC20 QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
ADG702BRMZ-REEL7 ADG702BRJZ-REEL ADG701BRJ-500RL7 |
CMOS Low Voltage 2 O SPST Switch; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 CMOS Low Voltage 2 O SPST Switch; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO5 CMOS Low Voltage 2 Ω SPST Switches CMOS Low Voltage 2 Ω SPST Switches
|
Analog Devices, Inc.
|
ISL5120CB ISL5120IHZ-T ISL5121 ISL5121CB ISL5121CB |
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 CAP .01UF 50V PPS FILM ECH-S DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO8 Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AWS5504 AWS5504_REV_2.1 AWS5504S14 |
GaAs IC Negative Control SPDT Reflective Switch DC-2.0 GHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH From old datasheet system Switches The AWS5504 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-6 plastic package.
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
6765 |
IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
|
Schurter Inc.
|
6762-H-ABCN-D-EGOP 6762 |
IEC Appliance Inlet C14 or C18 with Line Switch 2 pole and Fuseholder 2-pole
|
Schurter Inc.
|
GRM1.1161.023 GRM1 GRM1.1181.023 GRM1.1160.013 GRM |
IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
|
Schurter Inc.
|
FSA850UCX |
Audio 3-Pole / 4-Pole MIC-GND Switch
|
Fairchild Semiconductor
|
LTC222 LT1675 LT1675-1 LTC1380 LTC1390 LTC1391 LTC |
Micropower, Low Charge Injection, Quad CMOS Analog Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 Micropower, Low Charge Injection, Quad CMOS Analog Switches; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDIP16
|
LINEAR TECHNOLOGY CORP LINER[Linear Technology] Linear Technology, Corp.
|