PART |
Description |
Maker |
ZHX1423 ZHX1423TA115THTR |
SIR ULTRASLIM-TM TRANSCEIVERS
|
Zilog, Inc.
|
PPC-154SWINARM PPC-154T-BARE-CE PPC-154T-BARE-SE P |
15 Panel PC Panel PC with Intel垄莽 Pentium垄莽 4 Processor 15 Panel PC Panel PC with Intel? Pentium? 4 Processor
|
Advantech Co., Ltd. http://
|
L675 |
PANEL FUSEHOLDER BARRIER & PANEL SEALED
|
List of Unclassifed Manufacturers
|
3851E123502BL 3852A123502BL 3852B123502BL 3852C123 |
PANEL CONTROL-3/4"-3 3/4T RESISTOR, POTENTIOMETER, CERMET, 3 TURN(S), 2 W, 100000 ohm Diameter Panel Control
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
BU8317KV A5800637 |
Communications LSIs > ICs for telephone > Panel interface From old datasheet system Panel interface for telephones
|
ROHM
|
39-01-2141 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-2, Panel Mount, 14 Circuits
|
Molex Electronics Ltd.
|
39-01-2026 5559-02P-210 0039012026 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 2 Circuits
|
Molex Electronics Ltd.
|
39-01-2101 0039012101 |
4.20mm (.165) Pitch Mini-Fit Jr. Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-2, Panel Mount, 10 Circuits
|
Molex Electronics Ltd.
|
C-141-1250AC-FDFB-SLC2 C-141-1250AC-FDFB-SLC2-G5 C |
1.25 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1485-1498nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1385-1398nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1445-1458nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 1250Mbps(Tx), 1250Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
PICOD PICOD-111-AK PICOD-111-AL PICOD-111-AL_D PIC |
Pushwheel Switches, Subminiature, Panel Mount, Dual Button THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, HEXADECIMAL, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BCD COMPLEMENT, 0.02A, 20VDC, PANEL MOUNT THUMB/PUSHWHEEL SWITCH-1SWITCHES, BINARY CODED DECIMAL, 0.02A, 20VDC, PANEL MOUNT
|
Tyco Electronics IXYS, Corp.
|
0040062015 040-06-2015 |
Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050) Panel Thickness Panel Grounding Clip Crimp Terminal 42172, 14 AWG, 301 Stainless Steel, 1.27mm (.050") Panel Thickness MOLEX Connector
|
Molex Electronics Ltd.
|
|