PART |
Description |
Maker |
T89C51CC02CA-SISIM T89C51CC02UA-SISIM T89C51CC02UA |
AB 9C 3#12 6#16 SKT RECP Enhanced 8-bit Microcontroller with CAN Controller and Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28
|
Atmel Corp. Atmel, Corp.
|
AT89C51AC2-SLSUM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp.
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
PIC16F84AT-04I_PQTP PIC16F84AT-04I_PROM PIC16F84AT |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash/EEPROM-based ... 18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
|
Microchip Technology
|
PIC18F2455 PIC18F2550 PIC18F445 PIC18F4455 PIC18F4 |
A Full Speed USB2.0 capable, PIC18 microcontroller with 32 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow A Full Speed USB2.0 capable, PIC18 microcontroller with 24 Kbytes of Enhanced FLASH program memory, 2 Kbytes of RAM (1 Kbyte dual port), 256 bytes of data EEPROM and a complete selection of analog and digital peripherals. Ideal for low pow 28/40/44-Pin High-Performance, Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance Enhanced Flash USB Microcontrollers with nanoWatt Technology 28/40/44-Pin High-Performance / Enhanced Flash USB Microcontrollers with nanoWatt Technology
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
ATTINY2313V-10MUR ATTINY2313V-10SUR AT91SAM7A2-AJ |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, MS-013AC, SOIC-20 32-BIT, 30 MHz, RISC MICROCONTROLLER, PQFP176 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDSO20 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
PIC18FXXXX PIC18LF8722-E_PT PIC18F6627 PIC18F6722 |
(PIC18Fxx2x) Enhanced Flash Microcontrollers 64/80-PIN 1-MBIT ENHANCED FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANOWATT TECHNOLOGY
|
MICROCHIP[Microchip Technology]
|
PIC16F627A-I_ML PIC16F627A-I_P PIC16F627A-I_SO PIC |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP18
|
Microchip Technology
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
ATTINY28L-4PU ATTINY28L-4AL ATTINY28L-4PL ATTINY28 |
8-bit Microcontroller with 2K Bytes of Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, QCC32 5 X 5 MM, 1 MM HEIGHT, 0.50 MM PITCH, MO-220VHHD-2, MLF-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PQFP32 7 X 7 MM, 1 MM THICKNESS, 0.80 MM PITCH, PLASTIC, MS-026ABA, TQFP-32 8-BIT, FLASH, 1.2 MHz, RISC MICROCONTROLLER, PDIP28 0.300 INCH, PLASTIC, DIP-28 16-BIT, MROM, 12 MHz, MICROCONTROLLER, PQFP44 AVR ?High-performance and Low-power RISC Architecture
|
Atmel, Corp. TEMIC SEMICONDUCTORS ATMEL Corporation
|
|