PART |
Description |
Maker |
FSC016GSC1T FSC032GSC1T FSC064GSC1T FSC002GSC1T FS |
Suitable for high demanding applications
|
Axiomtek Co., Ltd.
|
FIDA28-80 FID64G-80 FID32G-80 FID16G-80 FID08G-80 |
Suitable for high demanding applications
|
Axiomtek Co., Ltd.
|
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
ERO25THD1002 EROS2THD1002 ERO-S2PHF3301 EROS2C ERO |
Metal Film Resistors Performance, Reliability Low T.C.R. and noise, high reliability
|
Panasonic Semiconductor
|
3N245TX 3N243 3N243R 3N243TX 3N244 3N244R 3N244TX |
High Reliability Opeically Coupled Isolators 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER High Reliability Opeically Coupled Isolators 高可靠性Opeically耦合隔离
|
OPTEK[OPTEK Technologies] TT electronics OPTEK Technology
|
MAX8555 MAX8555EUB MAX8555AETB MAX8555AEUB MAX8555 |
Low-Cost. High-Reliability. 0.5V to 3.3V ORing MOSFET Controllers Low-Cost, High-Reliability, 0.5V to 3.3V ORing MOSFET Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LSH20-150 |
3.6 V Primary lithium-thionyl chloride D-sized cell for operation up to 150°C in demanding environments
|
saftbatteries
|
3KASMC10AHE3/57T 3KASMC10AHE3/9AT 3KASMC36A 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions) 表面贴装汽车瞬态电压抑制器(高温度稳定
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
BD6383EFV BD6383EFV12 BD6387EFV BD6385EFV |
High Performance, High Reliability 36V Stepping Motor Driver Series
|
Rohm
|
BD68710EFV-E2 |
High-performance, High-reliability Withstand Voltage Stepping Motor Driver
|
Rohm
|
KT7050 |
High stability and high reliability 2.7 to 5.5V drive available Low phases noise
|
Kyocera Kinseki Corpotation
|
SML-512DW SML512BC5T SML-512CW SML-511WW SML-511UW |
Original device technology enables high brightness and high reliability
|
Rohm http://
|