PART |
Description |
Maker |
MAFRIN0493 |
Surface Mount Robust Lead Circulator 902 MHz-928 MHz
|
Tyco Electronics
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
LBP473 LBP473-N1P2-35 |
SINGLE COLOR LED, BLUE, 1.6 mm LEAD FREE, SMT, 2 PIN Lead (Pb) Free Product RoHS Compliant
|
TE Connectivity, Ltd. OSRAM GmbH
|
FR12-0005 FR12-0006 FR12-0007 FR12-0008 |
Single Junction Drop-In Isolator
|
Tyco Electronics
|
MAFRIN0533 |
Single Junction Drop-In Isolator
|
M/A-COM Technology Solutions, Inc.
|
DBF250 DBF250G DBF250C |
Silicon Diffused Junction Type 25A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBB04 DBB04C |
Diffused Junction Silicon Diode 0.4A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBD10 DBD10C |
Diffused Junction Silicon Diode 1.0A Single-Phase Bridge Rectifier
|
SANYO[Sanyo Semicon Device]
|
DBG150G |
Diffused Junction Silicon Diode 15A Single-Phase Bridge Rectifier
|
Sanyo Semicon Device
|
MAFR-000050-5S4C1T MAFR-000159-5S4C1T MAFR-000200- |
Single Junction Surface Mount Circulator 2.4GHz, 2.6GHz, 3.35GHz, 3.5GHz
|
M/A-COM Technology Solutions, Inc.
|
FR12-0001 FR12-0002 FR12 FR12-0009 FR12-0003 FR12- |
Single Junction Drop-In Isolator 800MHz, 900MHz, 1800MHz, 1900MHz, 2100MHz
|
M/A-COM Technology Solutions, Inc.
|