PART |
Description |
Maker |
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
MAX1213 MAX1122 MAX1214 MAX1215 MAX1121 MAX1123 MA |
1.8V, 12-Bit, 170Msps ADC for Broadband Applications
|
MAXIM[Maxim Integrated Products]
|
MAX1213 |
1.8V, 12-Bit, 170Msps ADC for Broadband Applications From old datasheet system
|
Maxim
|
MAX19542 |
12-Bit, 170Msps ADC with CMOS Outputs for Wideband Applications From old datasheet system
|
Maxim
|
AD7894 AD7894AR-10 AD7894AR-2 AD7894AR-3 AD7894BR- |
True Bipolar Input, 5 V Single Supply, 14-Bit, Serial 4.5 µs ADC in 8-Pin Package 5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package SWITCH SLIDE SPDT R/A .5A PCB Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:130Vrms; Voltage Rating DC, Vdc:170VDC; Peak Surge Current (8/20uS), Itm:6000A; Clamping Voltage 8/20us Max :340V; Capacitance, Cd:650pF; Package/Case:14mm Disc 5 V/ 14-Bit Serial/ 5 ms ADC in SO-8 Package VARISTOR 30VRMS 14MM RADIAL
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7940 AD7685 EVAL-CONTROLBRD2 AD7680 AD7683 AD768 |
3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 3MW的,100ksps4位ADC引脚SOT - 23 3mW, 100kSPS, 14-Bit ADC in 6-Lead SOT-23 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 World's Smallest 14-Bit SAR in a SOT-23 Package 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO6 3.3V, 2.7Gbps Dual 2 x 2 Crosspoint Switch World’s Smallest 14-Bit SAR in a SOT-23 Package
|
Analog Devices, Inc. AD[Analog Devices]
|
AD7992BRM-0 AD7992BRM-0REEL AD7992BRM-1 AD7992BRM- |
2-Channel, 12-Bit ADC with I2C-Compatible 2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
AD7821BCHIPS |
High Speed, µP-Compatible, CMOS, 8-Bit Sampling ADC; Package: CHIPS OR DIE; No of Pins: -; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, UUC20
|
Analog Devices, Inc.
|
AD7701ARSZ AD7701ARZ-REEL |
16-Bit Sigma-Delta ADC; Package: SSOP; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7934BRU-REEL |
4-Channel, 1.5 MSPS, 12-Bit Parallel ADC with a Sequencer; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial 4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc.
|
AD7980BRMZRL7 AD7980ARMZRL7 |
16-Bit, 1 MSPS PulSAR® ADC in MSOP/QFN; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
KAD5510P-5009 KAD5510P-50Q72 |
10-Bit, 500MSPS Single-Channel ADC, Programmable LVDS/LVCMOS Outputs; Temperature Range: -40°C to 85°C; Package: 72-QFN 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PQCC72 10-Bit, 500MSPS A/D Converter
|
Intersil, Corp. Intersil Corporation
|