PART |
Description |
Maker |
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
IRF450 IRF451 IRF452 IRF252 IRF250 IRF251 |
N-CHANNE POWER MOSFETS
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
NIMD6302R2 |
HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
|
ONSEMI[ON Semiconductor]
|
DE150-201N09-00 DE375-501N21-00 DE275-102N05-00 DE |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 200V V(BR)DSS | 9A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 21A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 5A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直| 5A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 35A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 35A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 4.5A I(D)
|
TE Connectivity, Ltd. Glenair, Inc.
|
NDT014 NDT014J23Z |
N-Channel Enhancement Mode Field Effect Transistor.7A0V.2ΩN沟道增强型场效应管(漏电.7A, 漏源电压60V,导通电.2Ω 2.7 A, 60 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 2.7A I(D) | SOT-223
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
IRFU3709 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 90A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 30V的五(巴西)直| 90A型(丁)|51AA HEXFET? Power MOSFET SMPS MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
2SK956-01 2SK1507-01MR |
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247 TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 From old datasheet system
|
Fuji Semiconductors, Inc.
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
2N4118A SST4119 2N4117A 2N4119A PN4117A PN4118A PN |
N-Channel JFETs IC FTDI2232L USB/SERIAL 48-LQFP MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:12V; Case style:SO-8; Current, Id cont:4.8A; Current, Idm pulse:-20A; Power, Pd:1.1W; Resistance, Rds on:0.035R; SMD:1; MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:3.6A; Current, Idm pulse:40A; Power, Pd:1.1W; Resistance, Rds on:0.06R; SMD:1;
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
2N5484 2N5485 2N5486 SST5484 SST5485 SST5486 |
High Frequency/General Purpose N-Channel JFETs MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:4.5A; Current, Idm pulse:-20A; Power, Pd:1.3W; Resistance, Rds on:0.04R; SMD:1; Charge, gate p MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:5.6A; Current, Idm pulse:-30A; Power, Pd:1.25W; Resistance, Rds on:0.025R; SMD:1; Charge, gate p
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
|