PART |
Description |
Maker |
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
R574.F22.420 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.32A (COIL), 12VDC (COIL), 3840mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R577062102 R577242105 |
RF COAXIAL RELAY, DPDT, LATCHED, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
R574.F92.400 |
RF COAXIAL RELAY, SP4T, LATCHED, 0.64A (COIL), 12VDC (COIL), 7680mW (COIL), 26500MHz, PANEL MOUNT
|
RADIALL S A
|
R573.302.280 |
RF COAXIAL RELAY, SP12T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
FTR-JRJC024W |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.022A (COIL), 24VDC (COIL), 530mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
FTR-K3JB005W-LS |
POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.156A (COIL), 5VDC (COIL), 780mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
FUJITSU COMPONENT LTD
|
RT174006 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.042A (COIL), 6VDC (COIL), 250mW (COIL), THROUGH HOLE-STRAIGHT MOUNT
|
TYCO ELECTRONICS ELCON
|
JMGAPD-26P |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 26.5VDC (COIL), 450mW (COIL), 1A (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
HIROSE ELECTRIC Co., Ltd.
|
R577.F22.100 |
RF COAXIAL RELAY, SPDT-TRANSFER, FAILSAFE, 0.34A (COIL), 12VDC (COIL), 4080mW (COIL), 26500MHz, 40W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
|