Part Number Hot Search : 
S5778A SKY77196 001000 HI3507 1N4728A 85Z1K STBB030 FEP30DP
Product Description
Full Text Search

DBCTB87-2 - TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT

DBCTB87-2_4530318.PDF Datasheet


 Full text search : TERMINAL BLOCKS 7.5mm PITCH 90 MOUNT


 Related Part Number
PART Description Maker
DBCTB922 DBCTB923 DBCTB932 DBCTB702 DBCTB753 DBCTB TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
Dubilier
DBCTB4-2 DBCTB4-3 DBCTB5-2 DBCTB5-3 DBCTB5A-2 DBCT TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
Dubilier
DBCTB56-2 DBCTB56-3 TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
Dubilier
DBCTB30-24 DBCTB26-12 DBCTB26-2 DBCTB26-3 TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
Dubilier
PDBFS220 PDBFS204 16021-4 PDBFS500 PDBFS504 16000- Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
Cooper Bussmann, Inc.
DBCTB46-2 DBCTB46-3 DBCTB13-2 DBCTB13-3 TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
Dubilier
ME040-508 Pluggable terminal blocks on pin headers, pitch 5.08 mm
Lumberg
3030170 Bridge terminal blocks of varying terminal widths with ease
PHOENIX CONTACT
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V
KK2.5MM FL WAF.ASS. GOLD 504510AG
Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK
CONN HEADER 11POS 2.5MM R/A TIN
HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
Molex, Inc.
MOLEX INC
1-284539-0 2-284539-0 284539-6 1-284539-7 1-284539 TERMINAL BLOCK HEADER ASSEMBLY 90 ? , 3.5mm PITCH WITH THREADED FLANGE
Tyco Electronics
 
 Related keyword From Full Text Search System
DBCTB87-2 cost DBCTB87-2 serial DBCTB87-2 pdf DBCTB87-2 Polarity DBCTB87-2 Controller
DBCTB87-2 gain DBCTB87-2 vishay DBCTB87-2 Purpose DBCTB87-2 Amplifiers DBCTB87-2 器件参数
 

 

Price & Availability of DBCTB87-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43901181221008