PART |
Description |
Maker |
DBCTB43-2 DBCTB43-3 DBCTB10-2 DBCTB10-3 |
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
|
Dubilier
|
DBCTB41-2 DBCTB41-3 DBCTB70-2 DBCTB70-3 |
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
|
Dubilier
|
DBCTB33-2 DBCTB33-3 DBCTB88-24 |
TERMINAL BLOCKS 7.5MM PITCH 18 POLE RISING CLAMP
|
Dubilier
|
39372-00 39373-00 39371-00 39374-0909 39374-08 393 |
SR HDR 7.5MM 8 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG RE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 11 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR HDR 7.5MM 5 ASY ST 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY RA PLUG 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 3 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 7 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 4 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 6 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 7.5MM 9 ASY ST PLUG FE 15 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK 7.50mm (.295? Pitch 37 Series Beau? Eurostyle? Pluggable Terminal Blocks 7.50mm (.295隆卤) Pitch 37 Series Beau垄莽 Eurostyle垄莽 Pluggable Terminal Blocks
|
Molex, Inc. Molex Electronics Ltd.
|
KRMK KRMK02 KRMK03 KRMK04 KRMK07 KRMK06 |
Screw terminal blocks, pitch 3.5/5.0/10.0 mm
|
Lumberg
|
DBCTB15-2 DBCTB15-3 DBCTB17-2 DBCTB17-3 |
TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
|
Dubilier
|
39355-0019 39355-0018 39355-0016 39353-0008 39353- |
Header; Number of Contacts:19; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 19 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:0.138"; Series:Beau Eurostyle; Body Material:Polyamide 4/6 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER SR HDR 3 5CE 8 ASY ST 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Terminal Block,PCB Mount,RECEPT,4 Contacts,PIN,GUIDE SLOT 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 3.5MM 11POS VERT PCB CONN HEADER 3.5MM 5POS VERT PCB
|
Molex, Inc. MOLEX INC
|
7602-503 |
Terminal Blocks 20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX, Inc.
|
7603-007 |
Terminal Blocks 20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX, Inc.
|
7602-002 |
Terminal Blocks 20 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
TUSONIX, Inc.
|
3030170 |
Bridge terminal blocks of varying terminal widths with ease
|
PHOENIX CONTACT
|
39970-0112 39970-0106 39970-0307 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Terminal Block; No. of Positions:6; Pitch Spacing:0.4"; Wire Size (AWG):18-6; Mounting Type:PC Board; Body Material:Thermoplastic; Color:Black; Current Rating:60A; No. of Contacts:6 RoHS Compliant: Yes 60 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS 10.16MM 7 ASY VERT 40 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
|