PART |
Description |
Maker |
DBCDINF16BA1S2 DBCDINF16BA1S3 DBCDINF16BAB1S2 DBCD |
DIN 41612 TYPE B - FEMALE
|
Dubilier
|
DBCDINF96RABC1RA2 DBCDINF48RABC1RA2 DBCDINF48RABC1 |
DIN 41612 TYPE R (REVERSED) - FEMALE DIN 41612 TYPE R (REVERSED) - FEMALE
|
Dubilier
|
TYPEBSERIES DBCDINF32BA1S2 DBCDINF64BA1S2 DBCDINF1 |
Glass filled polyester (PBT, UL flammability 94V-0) DIN 41612 TYPE B - MALE DIN 41612 TYPE B - MALE
|
Dubilier
|
120-964-435 |
DIN 41612 PCB Connector; Number of Contacts:64; Number of Rows:3; Pitch Spacing:0.1"; Mounting Type:PC Board Thru Hole; Body Style:Straight; Gender:Female 64 CONTACT(S), FEMALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|
850423316 850420385 850422529 850421043 850429017 |
ASSEMBLY, DIN 41612 C FEMALE, 96 POS
|
Molex Electronics Ltd.
|
MM-B2501-B610 0365050008 |
2.54mm (.100) Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 64 Circuits 2.54mm (.100") Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 64 Circuits
|
Molex Electronics Ltd.
|
0365000002 MM-B2501-C960 36500-0002 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60渭m (24渭") Selective Gold (Au) Plating, 96 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.60μm (24μ) Selective Gold (Au) Plating, 96 Circuits
|
Molex Electronics Ltd.
|
0365000027 MM-B2602-C960 36500-0027 |
2.54mm (.100") Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30渭m (12渭") Selective Gold (Au) Plating, 96 Circuits 2.54mm (.100) Pitch DIN 41612 C Style Female Receptacle, Vertical, Through Hole, 0.30μm (12μ) Selective Gold (Au) Plating, 96 Circuits
|
Molex Electronics Ltd.
|
DBCDINM64QA1S2 DBCDINM64QA1S3 DBCDINM64QAB1S2 DBCD |
DIN 41612 TYPE Q (REVERSED) - MALE
|
Dubilier
|
85056-0000 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Female Style M Inverse
|
Molex Electronics Ltd.
|