PART |
Description |
Maker |
GBPC2501 GBPC25005 GBPC2510 GBPC2508 GBPC2502 GBPC |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳V输出 GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Pan Jit International Inc. CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd. General Semiconductor
|
MB3505-BC01 MB351-BC01 MB352-BC01 MB354-BC01 MB356 |
35A, 600V ultra fast recovery rectifier 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
110MT160K 110MT160KB 110MT160MT 90MT80KB 110MT100K |
3 PHASE, 110 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE 1200V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 800V 3 Phase Bridge in a INT-A-Pak package THREE PHASE BRIDGE CAP 3300PF 100V 100V X7R RAD.20 .20X.20 BULK P-MIL-PRF-39014 三相桥式 3 PHASE, 90 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE
|
IRF[International Rectifier] International Rectifier, Corp.
|
G37100B1EB1 G3760B1EB1 G3780B1EB1 G3720B1EB1 G3740 |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 1000; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 600; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 800; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 67.5; VR / Leg (V): 400; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
VGOB36-08IO7 VGOB36-12IO7 VGOB36-14IO7 VGOB36-16IO |
Single Phase Rectifier Bridge 31 A, 1600 V, SCR Single Phase Rectifier Bridge 31 A, 1400 V, SCR Single Phase Rectifier Bridge 31 A, 1200 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS Corporation
|
KBL602 KBL606 KBL601 KBL603 KBL604 KBL605 KBL607 |
Bridge: Standard From old datasheet system Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
|
Taiwan Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
RC207 RC201 RC203 RC206 RC204 RC202 RC205 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes) 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|