PART |
Description |
Maker |
CAT93W66 CAT93C6612KI-28TE13 CAT93W66VP2I-GT3 CAT9 |
4 kb Microwire Serial CMOS EEPROM Self?timed Write Cycle with Auto?clear 4 kb Microwire Serial CMOSEEPROM
|
ON Semiconductor
|
CAT93HC46JA-18TE13 CAT93HC46JE-18TE13 CAT93HC46JI- |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 TSSOP-8 1-kb High Speed Microwire Serial EEPROM
|
Catalyst Semiconductor
|
93LC86 93LC86/SN |
8K/16K 2.5V Microwire Serial EEPROM 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Microchip Technology
|
93LC66B-ISM 93LC66A 93LC66A-ST 93LC66A-SN 93LC66A- |
4K 2.5V Microwire Serial EEPROM(4K2.5V,具上掉电数据保护电路,Microwire接口EEPROM) 4K 2.5V Microwire Serial EEPROM
|
http:// Microchip Technology Inc.
|
BR93H66RFJ-WC BR93H86RFJ-WC BR93H86RFJ-WCE2 |
Automotive Microwire BUS 4Kbit(256x16bit) EEPROM Automotive Microwire BUS 16Kbit(1024x16bit) EEPROM
|
ROHM
|
CAT93C66PI-1.8REVE CAT93C66K-1.8REVE CAT93C66E |
4-kb, 1 MHz @ 4.5 V, 500 kHz @ 2.5 V, 250 kHz @ 1.8 V, Die Rev E 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
Catalyst Semiconductor ON Semiconductor
|
93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG |
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ... This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM 1K Microwire Compatible Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
M93C46-DS3G_S M93C46-DS3G_W M93C46-DS3P_S M93C46-D |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 512 X 16 MICROWIRE BUS SERIAL EEPROM, DSO8 1K X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIREserial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE? serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE庐 serial access EEPROM 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit (8-bit or 16-bit wide) MICROWIRE垄莽 serial access EEPROM
|
意法半导 STMicroelectronics
|
AK93C55C AK93C45CU AK93C45C AK93C45CL AK93C45CT AK |
256 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1K/2K/4Kbit Serial CMOS EEPROM
|
Asahi Kasei Microsystems
|
CAT93C86YI-1.8TE13 CAT93C86J-1.8TE13 CAT93C86JA-1. |
16K-Bit Microwire Serial EEPROM 8-kb, 3 MHz @ 4.5 V, 1 MHz @ 2.5 V, 500 kHz @ 1.8 V 16K-Bit Microwire Serial EEPROM 16K的位微型导线串行EEPROM
|
http:// CATALYST[Catalyst Semiconductor] Tianjin Global Magnetic Card Co., Ltd.
|
MAX3110 MAX3110E MAX3110ECNI MAX3110ECWI MAX3110EE |
SPI /MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 15kV ESDProtected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and ±15kV ESD-Protected RS-232 Transceivers with Internal Capacitors SPI/MICROWIRE-Compatible UART and 【15kV ESDProtected RS-232 Transceivers with Internal Capacitors
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|