PART |
Description |
Maker |
TWT4805-15BI TWT1205-15BI TWT4805-15BZ TWT2405-15B |
COMPLEMENTARY SILICON POWER TRANSISTORS High power NPN silicon transistor Silicon NPN switching transistor Silicon NPN transistor PNP power transistor Small signal NPN transistor Medium power NPN silicon transistor Dual npn-pnp complementary bipolar transistor Complementary power transistors NPN power transistors 模拟IC Analog IC 模拟IC
|
RECOM Electronic GmbH Vishay Intertechnology, Inc.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BUX85_D ON0262 BUX85 |
SITCHMODE NPN Silicon Power Transistors From old datasheet system 2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
|
ON Semiconductor Motorola, Inc
|
2N6387 2N6388 ON0090 |
DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERE NPN SILICON From old datasheet system
|
ONSEMI[ON Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
NJT4031N NJT4031NT1G NJT4031NT3G |
NPN SOT223 40V/3A Low VCE(sat) Power Transistor Bipolar Power Transistors NPN Silicon
|
ON Semiconductor
|
FMMTA06 |
NPN Med Power Transistor NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
|
ZETEX[Zetex Semiconductors]
|
MJW16010A-D MJW16010A |
NPN Silicon Power Transistors NPN Silicon Power Transistors 1 kV SWITCHMODE Series
|
ON Semiconductor
|
MJ10009 MJ10009_D ON1969 |
From old datasheet system 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS 20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|