PART |
Description |
Maker |
21084655-001 21084655-005 21084655-007 21084655-01 |
10 Gb/s Dual Drive Mach-Zehnder (DDMZ) Modulator
|
JDS Uniphase Corporation
|
KGL4126F |
10.7 GBPS Mach-zehnder Modulator Driver ic
|
Oki Semiconductor
|
M5LV-512/256-10SAI M5LV-512/256-12SAC M5LV-256/160 |
EE PLD, 10 ns, PBGA352 BGA-352 EE PLD, 12 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 12 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP160 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP160 EE PLD, 15 ns, PBGA352 BGA-352 Fifth Generation MACH Architecture EE PLD, 5.5 ns, PQFP144 EE PLD, 15 ns, PQFP160 PLASTIC, QFP-160 CONNECTOR ACCESSORY EE PLD, 5.5 ns, PQFP100 Fifth Generation MACH Architecture EE PLD, 15 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 7.5 ns, PQFP208 Fifth Generation MACH Architecture EE PLD, 10 ns, PQFP100 EE PLD, 15 ns, PQFP100 TQFP-100 Fifth Generation MACH Architecture EE PLD, 20 ns, PQFP208 EE PLD, 12 ns, PQFP100 TQFP-100 EE PLD, 12 ns, PBGA256 BGA-256
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
LTC2297UP LTC2296IUP LTC2297IUP |
Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs DUAL 1-CH 14-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology Corporation Linear Technology, Corp.
|
PC74HC4015 PC74HCT4015 |
Dual 4-Bit Serial-In / Parallel-Out Shift Register (It is accurate) Dual 4-Bit Serial-In / Parallel-Out Shift Register
|
Philips Semiconductors NXP
|
HCF4015B HCF4015BC1 HCF4015BEY HCF4015BM1 HCC_HCF4 |
DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL INPUT/PARALLEL OUTPUT 级静态移位寄存器与串行输并行输出 From old datasheet system INPUT/PARALLEL OUTPUT DUAL 4-STAGE STATIC SHIFT REGISTER WITH SERIAL
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
ST16C452 ST16C452CJ68 ST16C452CJ68PS ST16C452IJ68 |
DUAL UART WITH PARALLEL PRINTER PORT
|
EXAR[Exar Corporation]
|
MA45471 |
Dual Anti-Parallel Non-Magnetic PIN Diode
|
M/A-COM Technology Solu...
|
MAX1217ECQTD |
1.8V, Dual, 12-Bit, 125Msps ADC for Broadband Applications DUAL 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQFP100
|
Maxim Integrated Products, Inc.
|
AD9627BCPZ11-150 AD9627BCPZ11-105 |
11-Bit, 105/150 MSPS, 1.8 V Dual Analog-to-Digital Converter; Package: LFCSP:LEADFRM CHIP SCALE; No of Pins: 64; Temperature Range: Commercial DUAL 1-CH 11-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC64
|
Analog Devices, Inc.
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|