PART |
Description |
Maker |
8405-681 8405-680 8405-68G 8405-XXX 8405-33G 8405- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
8403-330 8403-331 8403-XXX 8403-150 8403-471 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
Filtran Ltd.
|
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
DCH0805150J DCH0805150K DCH1812150J DCH1812150K DC |
INDUCTORS SURFACE MOUNT INDUCTORS DCH
|
Dubilier
|
1812LS-563XJL 1812LS-564XJL 1812LS-564XJLD 1812LS- |
Highest inductance values of all our chip inductors, Ferrite construction for high current handling Chip Inductors 1812LS Series
|
Coilcraft lnc.
|
ELJSC270 ELJ-SA121KF ELJSC470 ELJSC560 ELJSC680 EL |
Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
ELJRE2N7FA ELJRE4N7FA ELJRF2N7FB ELJRF4N7FB ELJRF5 |
High Frequency Use Non Magnetic Core RF RE ND NC NA Fixed Inductors (Chip Inductors) High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant Fixed Inductors (Chip Inductors)
|
Panasonic Semiconductor
|
B78008-S1105-K1 B78008-S1104-K1 B78008-S1103-K1 B7 |
RF Inductors Miniature Ferrite Inductors (MIFI) 射频电感器小型铁氧体电感(MIFI
|
EPCOS AG
|
RX9PNP-152J-35 RX9PNP-122J-35 RX9PNP-102J-35 RX9PN |
1 ELEMENT, 3900 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS Pin Type: RX Series POWER INDUCTORS < Pin Type: RX Series> POWER INDUCTORS , Pin Type: RX Series
|
Sumida Corporation
|
1410454 1410460 1410478 1410516 1410517 1410524 14 |
Bobbin Type Inductors SPACER,.25L,.125 O.D,.047 I.D. Unshielded Surface Mount Inductors 1 ELEMENT, 15000 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 10 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 470 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, RIGHT ANGLE 2 LEAD FOR T 1-3/4 NYLON NATURAL 1 ELEMENT, 100 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 22000 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 220 uH, GENERAL PURPOSE INDUCTOR CAP 2.2UF 450V FILM BOX TYPE 10% 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR Unshielded Surface Mount Inductors 1 ELEMENT, 6800 uH, GENERAL PURPOSE INDUCTOR LED MOUNT, T1-3/4, FLUSH MNT, NYLON, NATURAL COLOR SPACER,NYLON ROUND
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|