PART |
Description |
Maker |
VCXO-C8RLF VCXO-C7LF VCXO-C2LF VCXO-C2RLF VCXO-C3L |
5.0V, HCMOS, Thru-Hole VCXO
|
Fox Electronics
|
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
CC121LZ-A5BD45-22.5792H CC121LZ-A5BD-22.5792A CC12 |
VCXO, CLOCK, 22.5792 MHz, HCMOS/LSTTL OUTPUT ROHS COMPLIANT PACKAGE-6 VCXO, CLOCK, 8 MHz, HCMOS/LSTTL OUTPUT VCXO, CLOCK, 120 MHz, HCMOS/LSTTL OUTPUT
|
Cardinal Components, Inc. CARDINAL COMPONENTS INC
|
QEV4KH75LQ100 QEV4KH75LQ15 QEV4KH50LQ100 QEV4KH50L |
VCXO, CLOCK, 27 MHz, HCMOS/TTL OUTPUT DIL 8 Pin Half Size VCXO - Communications Equipment Application
|
TEMEX COMPONENTS
|
M31202AML2N M31302AML2N M31402AML2N M31212AML2N M3 |
VCXO, CLOCK, 10 MHz - 150 MHz, HCMOS OUTPUT VCXO, CLOCK, 50 MHz - 1400 MHz, LVPECL OUTPUT Multiple Frequency VCXO 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
|
MTRONPTI
|
M3V22V2CJ M3V16T2AJ M3V22T1CJ M3V62V2CJ |
9x14 mm, 3.3 Volt, HCMOS/TTL, VCXO 9x14毫米.3伏,HCMOS / TTL电,压控
|
MtronPTI
|
VA2AUG VA2ARF |
9.3 X 8.5mm VCXO OSCILLATOR, HCMOS, 5.0 VDC 9.3 X8.5毫米压控振荡器,HCMOS5.0伏直流电 9.3 X 8.5mm VCXO OSCILLATOR, HCMOS, 5.0 VDC 9.3 X8.5毫米压控振荡器,HCMOS.0伏直流电
|
Raltron Electronics, Corp.
|
VF594SHL-1000-160.0MHZ VF594-1000-160.0MHZ VF594-1 |
VCXO, CLOCK, 160 MHz, HCMOS/TTL OUTPUT VCXO, CLOCK, 77.76 MHz, HCMOS/TTL OUTPUT VCXO, CLOCK, 29.5 MHz, HCMOS/TTL OUTPUT
|
VALPEY FISHER CORP
|
M31326AMLAN-50.0000MHZ M31412DGMAN-50.0000MHZ M314 |
VCXO, CLOCK, 50 MHz, LVDS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, HCMOS OUTPUT VCXO, CLOCK, 10 MHz - 150 MHz, HCMOS OUTPUT VCXO, CLOCK, 50 MHz, LVPECL OUTPUT VCXO, CLOCK, 1400 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz - 1400 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz - 1400 MHz, LVDS OUTPUT
|
MTRONPTI
|
M-2021-175.0 M-2021-1.0 H-2031-1.0G |
VCXO, CLOCK, 175 MHz, HCMOS/TTL OUTPUT VCXO, CLOCK, 1 MHz, HCMOS/TTL OUTPUT
|
VALPEY FISHER CORP
|
FVXO-HC53B FVXO-HC53BR |
HCMOS 5 x 3.2mm 3.3V VCXO
|
Fox Electronics
|
|