PART |
Description |
Maker |
ECDG0E100C ECDG0ER108 ECDG0E1R1B ECDG0E2R0B ECDG0E |
Multilayer Ceramic Capacitors(High-Q Capacitors) High-Q Capacitors (Microwave Chip Capacitors)
|
Panasonic Semiconductor
|
V8N121-J-10 V8N123-J-10 V8N101-J-10 V8N151-J-10 V8 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V5N121-B-10 V5N680-B-10 V5N560-B-10 V5N332-B-10 V5 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V4N121-B-10 V4N332-B-10 V4N680-B-10 V4N560-B-10 V4 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V2N820-B-10 V2N180-B-10 V2N121-B-10 V2N680-B-10 V2 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
JE10 JE1046ZTL2R JE10112HL1 JE10112HL1R JE10112HL2 |
Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 1.1pF; Voltage: 100V; Tolerance: ±0.25pF; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 50V; Tolerance: ±1%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 50V; Tolerance: ±10%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) MINIATURE HIGH POWER LATCHING RELAY 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 1.2pF; Voltage: 50V; Tolerance: ±0.25pF; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 MINIATURE HIGH POWER LATCHING RELAY
|
HONGFA[Hongfa Technology] 厦门宏发电声股份有限公司 Xiamen Hongfa Electroacoustic Co., Ltd. ???瀹???靛0?′唤??????
|
VJ1210A102MBGAP5Z VJ2220A102JBGAP5Z VJ2220A102JFGA |
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
|
Vishay Siliconix
|
VJ0805A102JXOAT5Z VJ0805A102KXOAT5Z VJ0805A102MXOA |
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
|
Vishay Siliconix
|
CD45-E2GA332M-NKA |
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
|
TDK Electronics
|