PART |
Description |
Maker |
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
MX29LV081TI-70 |
USB 2.0 Cable Assembly; Connector Type A:USB Type A Male; Connector Type B:5 Way Crimp RoHS Compliant: Yes
|
Macronix International Co., Ltd.
|
R285426000 R285427000 |
LEAD, BNC M-M, 5/50 0-1.5GH, 150CM; Connector type A:BNC Plug; Connector type B:BNC Plug; Length, lead:150cm; Cable type:Coax; Impedance:50R; Coaxial cable type:KX15; Connector type:BNC RoHS Compliant: Yes BNC MALE-MALE LEAD 200CM 5/50 0-1.5GHBNC MALE-MALE LEAD 200CM 5/50 0-1.5GH; Connector type A:BNC Plug; Connector type B:BNC Plug; Length, lead:200cm; Cable type:Co-ax; Impedance:50R; Coaxial cable type:KX15; Connector type:BN
|
RADIALL S A
|
53234-0960 |
Header; No. of Contacts:96; Pitch Spacing:2.54mm; No. of Rows:3; Series:53234; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 96 CONTACT(S), MALE, RIGHT ANGLE TWO PART EURO CONNECTOR, SOLDER
|
Molex, Inc.
|
157.5700.6251 157.5700.6271 157.5700.5801 157.5700 |
Fuse strips for batterie-powered vehicles for rated voltage up to 80 V 带保险丝的巴特里供电的额定电压为80伏汽 Fiber Optic Cable Assembly; Cable Length:3.2ft; Connector Type A:ST; Drop Ship:Yes 带保险丝的巴特里供电的额定电压为80伏汽 MS3108A20-4P Fiber Optic Cable Assembly; Cable Length:16.4ft; Connector Type A:ST; Drop Ship:Yes Fiber Optic Cable Assembly; Cable Length:9.8ft; Connector Type A:ST; Drop Ship:Yes CONNECTOR ASSEMBLIES SC TO FDDI JUMPER OFNR 2 METER Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Right Angle Plug; Insert Arrangement:22-10 RoHS Compliant: No
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
10-33-1031 |
Header; No. of Contacts:3; Pitch Spacing:5.08mm; No. of Rows:1; Series:SPOX; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
NK5EPC14Y |
Category 5e Patch Cord; Connector Type A:Tangle Free Plug; Connector Type B:Tangle Free Plug; Cable Length:14ft; Color:Off White; Wire Size (AWG):24 INTERCONNECTION DEVICE
|
Panduit, Corp.
|
MK50H27 MK50H27PLCC MK50H27DIP |
Category 5e Patch Cord; Connector Type A:Cat 5e Modular Plug; Connector Type B:Cat 5e Modular Jack; Cable Length:3ft; Color:Blue; Features:Snagless Slimline Boot; Cable Strain Relief Signalling System 7 Link Controller
|
http:// 意法半导 ST Microelectronics
|
2N3819 |
N-channel J-FET Patch Cord; Connector Type A:Category 6 Modular Plug; Connector Type B:Category 6 Modular Plug; Cable Length:15ft; Leaded Process Compatible:No; Approval Categories:Exceeds TIA/EIA-568-B.2-1Category 6 and ISO 11801 Class E standards
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|