PART |
Description |
Maker |
W24L011AQ-10 W24L011AQ-12 W24L011AQ-15 W24L011AT-1 |
128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K X 8 High Speed CMOS Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 TRANS PNP W/RES 60HFE NEW S TYPE 128K X 8 STANDARD SRAM, 15 ns, PDSO32 Circular Connector; No. of Contacts:4; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:12-4 RoHS Compliant: No JT 55C 55#22M SKT PLUG HIGH SPEED SRAM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|
IC62C1024 IC62C1024-35TI IC62C1024-35W IC62C1024-3 |
128K X 8 HIGH SPEED CMOS STATIC RAM 128K X 8 HIGH SPEED CMOS STATIC RAM 128K的乘八高速CMOS静态RAM From old datasheet system ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM 55ns; 5V; 128K x 8 high-speed CMOS static RAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
AS7C31025 AS7C31025-12JC AS7C31025-12JI AS7C31025- |
Parallel-Load 8-Bit Shift Registers 16-SSOP -40 to 85 High Speed CMOS Logic Quad 2-Input AND Gates 14-SOIC -55 to 125 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32
|
ALLIANCE MEMORY INC ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
LY61L1288RL-15E LY61L1288RL-10I LY61L1288RL-12 LY6 |
128K X 8 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
IDT70V3319S133PRFI IDT70V3399S166PRFI IDT70V3319S1 |
HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V56/128K × 18 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 15 ns, PQFP128
|
Integrated Device Technology, Inc.
|
CXK5T81000ATM/AYM/AM-12LLX CXK5T81000ATM/AYM/AM-10 |
128K X 8 STANDARD SRAM, 120 ns, PDSO32 128K X 8 STANDARD SRAM, 100 ns, PDSO32 131072-word x 8-bit High Speed CMOS Static RAM
|
SONY
|
A63L73321E-12 A63L73321 |
128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
|
AMICC[AMIC Technology]
|
IDT70V639S10BFI IDT70V639S15BF IDT70V639S12BFI IDT |
HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 高.3 128K的18 ASYNCHRONO美国双端口静态RAM HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 15 ns, PBGA208 HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM 128K X 18 DUAL-PORT SRAM, 12 ns, PQFP128
|
Integrated Device Technology, Inc.
|
CXK77B1841AGB CXK77B3641AGB |
4Mb Late Write LVTTL High Speed Synchronous SRAM (128K x 36Bit)(4M位、写延迟LVTTL高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速同步SRAM28K的x 36Bit)(4分位,写延迟LVTTL高速同步静态随机存储器28K的36位) 4Mb Late Write LVTTL High Speed Synchronous SRAMs (128K x 36Bit)(4M位、写延迟、高速逻辑收发(HSTL)、高速同步静态RAM (128K x 36) 4Mb的后写入LVTTL高速(128K的x 36Bit)(4分位,写延迟,高速逻辑收发(HSTL),高速同步静态随机存储器28K的36位)同步静态存储器
|
Sony, Corp.
|
MSM548128BL MSM548128BL-70GS-K MSM548128BL-80GS-K |
128K X 8 PSEUDO STATIC RAM, 80 ns, PDSO32 128K X 8 PSEUDO STATIC RAM, 70 ns, PDSO32 From old datasheet system 131,072-Word x 8-Bit High-Speed PSRAM
|
OKI ELECTRIC INDUSTRY CO LTD
|