PART |
Description |
Maker |
LTM803112 |
Ultralow Noise EMC 36V, 1A DC/DC μModule Regulator
|
Linear Technology
|
MAX1406 MAX1406CPE MAX1406CAE MAX1406CWE MAX1406EA |
±15kV ESD-Protected, EMC Compliant, 230kbps, 3 Tx/3 Rx RS-232 IC 15kV ESD-Protected / EMC-Compliant / 230kbps / 3-Tx/3-Rx RS-232 IC 【15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC 15kV ESD-Protected EMC-Compliant 230kbps 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant,230kbps, 3-Tx/3-Rx RS-232 IC ±15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors LINE TRANSCEIVER, PDIP16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AD8597 |
Single, Ultralow Distortion, Ultralow Noise Op Amp
|
Analog Devices
|
AD8331-EVAL AD8331ARQ-REEL AD8332-EVAL AD8332ACP-R |
Ultralow Noise VGAs with Preamplifier and Programmable RIN SPECIALTY CONSUMER CIRCUIT, PDSO20 Ultralow Noise VGAs with Preamplifier and Programmable RIN 超低噪声的VGA前置放大器和可编程与房地产经纪人 Ultralow Noise VGAs with Preamplifier and Programmable RIN SPECIALTY CONSUMER CIRCUIT, QCC32 Ultralow Noise VGAs with Preamplifier and Programmable RIN SPECIALTY CONSUMER CIRCUIT, PDSO28
|
Analog Devices, Inc.
|
LT6202CS5 LT6202CS8 LT6203CS8 LT6202 LT6204 LT6204 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps
|
http:// Linear Technology Corporation LINER[Linear Technology]
|
ADMP521ACEZ-RL ADMP521ACEZ-RL7 EVAL-ADMP521Z-FLEX |
Ultralow Noise Microphone
|
Analog Devices
|
ADM202E ADM1181A |
EMI/EMC Compliant, 5 kV ESD Protected, RS-232 Line Drivers/Receivers
|
Analog Devices
|
ADM2023E ADM202EARU-REEL7 ADM202EARUZ ADM202EANZ A |
EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
|
AD[Analog Devices] http://
|
AD8432 |
Dual-Channel Ultralow Noise Amplifier
|
Analog Devices
|
ADM7160ACPZN1.8-R7 ADM7160ACPZN2.5-R7 ADM7160ACPZN |
Ultralow Noise, 200 mA Linear Regulator
|
Analog Devices
|