PART |
Description |
Maker |
SDR0503-390KL SDR0503-821KL SDR0503-122JL SDR0503- |
MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 1200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD MAGNETICS - NON-SHIELDED POWER INDUCT-LF 1 ELEMENT, 5600 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Inductor; Series:SDR0503; Inductance:47uH; Inductance Tolerance: /- 10 %; Q Factor:20; Self Resonant Frequency:14MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite DR; Current Rating:750mA; Mounting Type:Surface Mount Power Inductor; Inductor Type:Power; Inductance:3.3mH; Inductance Tolerance: 5 %; Current Rating:0.062A; Series:SDR0503; Core Material:Ferrite DR; Leaded Process Compatible:Yes; Mounting Type:Surface Mount; Q Factor:40 RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
KMP4100 |
Toroidal Surface Mount Inductors
|
Murata Manufacturing Co., Ltd.
|
414R7C |
Toroidal Surface Mount Inductors
|
Murata Manufacturing Co., Ltd.
|
41101C |
Toroidal Surface Mount Inductors
|
Murata Manufacturing Co...
|
L-15017B |
Surface Mount Toroidal Inductor
|
Rhombus Industries Inc.
|
KMP4300 43402C 43212C |
Dual Winding Toroidal Surface Mount Inductors
|
Murata Manufacturing Co., Ltd.
|
VPM30-3330 |
POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
VPM30-830 |
POWER TRANSFORMER CHASSIS MOUNT : TOROIDAL MEDICAL SERIES
|
TRIAD MAGNETICS
|
PM2120-1R2M-RC PM2120-3R3M-RC PM2120-3R9M-RC PM212 |
Toroidal Inductor; Series:PM2120; Inductance:1.2uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:25.4A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:3.9uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:18A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:5.6uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:15.6A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Toroidal Inductor; Series:PM2120; Inductance:18uH; Inductance Tolerance: /- 10 %; Terminal Type:PCB Surface Mount; Current Rating:11.8A; External Height:0.82"; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
BOURNS INC
|
PTKM330-50SM PTKM50-180SM PTKM50-30SM PTKM50-40SM |
Surface Mount Toroidal Power Chokes 1 ELEMENT, 250 uH, FERROUS ALLOY-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
API Delevan
|
76650-0140 55447-2070 55447-1870 55482-0219 55456- |
IDT Panel Mount Adaptor, Through Hole Vertical Header, SMT Vertical and Right Angle Header and Receptacle
|
MolexKits
|