PART |
Description |
Maker |
HSMF-A222-A00J1 HSMF-A331-A00J1 HSMF-A228-A00J1 HS |
HSMF-A222-A00J1 · Surface Mount LED Indicator HSMF-A331-A00J1 · Surface Mount LED Indicator HSMF-A228-A00J1 · Surface Mount LED Indicator HSMF-A205-A00J1 · Surface Mount LED Indicator HSMF-A204-A00J1 · Surface Mount LED Indicator HSMF-A201-A00J1 · Surface Mount LED Indicator HSMF-A301-A00J1 · Surface Mount LED Indicator HSMF-A202-A00J1 · Surface Mount LED Indicator HSMF-A203-A00J1 · Surface Mount LED Indicator HSMF-A211-A00J1 · Surface Mount LED Indicator HSMF-A341-A00J1 · Surface Mount LED Indicator HSMF-A212-A00J1 · Surface Mount LED Indicator HSMF-A227-A00J1 · Surface Mount LED Indicator HSMF-A332-A00J1 · Surface Mount LED Indicator HSMF-A206-A00J1 · Surface Mount LED Indicator HSMF-A342-A00J1 · Surface Mount LED Indicator
|
Agilent (Hewlett-Packard)
|
74LVC162245 74LVCH162245ADL VCH162245ADL 74LVC1622 |
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 16-bit transceiver with direction pin;
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ABT640 74ABT640_2 74ABT640PWDH 74ABT640D 74ABT64 |
Octal transceiver with direction pin, inverting (3-State) Octal transceiver with direction pin, inverting 3-State From old datasheet system Octal transceiver with direction pin/ inverting 3-State SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch Quadruple D-Type Flip-Flops With Clear 16-SOIC 0 to 70 ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Single 8-Bit Inverting Bus Transceiver ABT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LVCH322245A 74LVCH322245AEC |
32-bit bus transceiver with direction pin; 30 Ohm series termination resistors; 5 V tolerant; 3-state 32-bit bus transceiver with direction pin; 30 W series
|
NXP Semiconductors N.V.
|
6340002505R 6340-305-505GPACKOF10 6346-005-505GPAC |
Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package LED INDICATOR 28VDC GREEN LED INDICATOR RED LED INDICATOR 5VDC RED LED GROSSFELD IM 15.7MM GEHAEUSE GRUEN 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input LED指示8V的直流红
|
Bourns, Inc.
|
74LVC32245A 74LVC32245AEC 74LVCH32245AEC 74LVCH322 |
32-bit bus transceiver with direction pin;5-volt tolerant(3-State)(具有定向引脚V输入/输出容限32位总线收发器(三态)) 32位总线收发器引脚方向,5伏耐(3态)(具有定向引脚的5V的输输出容限32位总线收发器(三态) 32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVC16245A 74LVC16245ADGG 74LVC16245ADL 74LVCH162 |
16-bit bus transceiver with direction pin;5V tolerant (3-State)(具有定向引脚5V容限6位总线收发器(三态)) 16位总线收发器引脚方承受5V态)(具有定向引脚的5V的容限的16位总线收发器(三态) 16-bit bus transceiver with direction pin; 5V tolerant 3-State
|
NXP Semiconductors N.V. Philips Semiconductors
|
192D1000 192D0001 |
LED INDICATOR RED 8MM LED指示灯红8毫米 LED INDICATOR GREEN 8MM LED指示灯绿毫米
|
Altech, Corp.
|
74LVT640 74LVT640D 74LVT640DB 74LVT640PW 74LVT640P |
3.3V Octal transceiver with direction pin; inverting (3-State) From old datasheet system 3.3V Octal transceiver with direction pin; inverting 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
TMCM-KAMINO-AP23 TMCM-KAMINO-AP24 TMCM-KAMINO-CLIP |
Step and direction interface
|
TRINAMIC Motion Control...
|
RSB12JS2 |
Bi Direction ESD Protection Diode
|
ROHM[Rohm]
|
ESDBU5V0AE1 |
Bi-direction ESD Protection Diode
|
Jiangsu Changjiang Elec...
|