PART |
Description |
Maker |
IS25C256 IS25C256-2GI IS25C256-2GLI IS25C256-2PI I |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 32K X 8 SPI BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
IS25C02 IS25C02-2GI IS25C02-2GLI IS25C02-2PI IS25C |
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc. 天津新技术产业园区管理委员会 ISSI[Integrated Silicon Solution, Inc]
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS25C01 IS25C01-2GI IS25C01-2GLI IS25C01-2PI IS25C |
1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
Integrated Silicon Solution, Inc
|
IS25C64A-3ZLA1 IS25C32A IS25C32A_07 IS25C32A-2GI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS25C16-2CLI IS25C16-2GLI |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
FM25C040 FM25C040U FM25C040UE FM25C040UV |
CONN,HEADER,2X8,AV,.100 4K的位SPI⑩的CMOS EEPROM的串行接 4K-Bit SPI⑩ Interface Serial CMOS EEPROM 4K-Bit SPI Interface Serial CMOS EEPROM From old datasheet system 4K-Bit SPI?/a> Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
25C256 CAT25C256 25C128 CAT25C128 CAT25C256S16-1.8 |
256K SPI serial CMOS EEPROM 1.8-6.0V 128K SPI serial CMOS EEPROM 2.5-6.0V SPI Serial EEPROM SPI串行EEPROM 128K/256K-BitSPISerialCMOSE2PROM 64K 8K x 8 Battery-Voltage CMOS E2PROM 64KK的8电池电压的CMOS E2PROM 128K SPI serial CMOS EEPROM 1.8-6.0V 256K SPI serial CMOS EEPROM 2.5-6.0V 128K/256K-Bit SPI Serial CMOS E2PROM
|
http:// STMicroelectronics N.V. Semtech, Corp. Abracon, Corp. CatalystSemiconductor CATALYST[Catalyst Semiconductor]
|
AT25F4096 |
4 M-bit, SPI Bus Serial Flash, High-speed, SPI Mode 0 and 3
|
Atmel
|
AT25HP512 |
256/512K-bit, SPI Bus Serial EEPROM, High-speed, Page-write Only, SPI Mode 0 and 3
|
Atmel
|