PART |
Description |
Maker |
NJG1556KB2 NJG1556KB2-L3 NJG1556KB2-L4 NJG1556KB2- |
BOX ABS FR GREY 4.7X3.2X2.2,1 BOX ABS FR BLUE 4.7X4.7X3.5,1 BOX POLYSTYRENE BLK 4.7X4.7X3.5,1 BOX ABS FR BLACK 4.7X4.7X3.5,1 Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Low Cost Silicon Double Balanced HMIC Mixer 4.7 - 6.0 GHz
|
Tyco Electronics
|
CPSL |
Low Value, Commercial Power, Four Lead, Fireproof Inorganic Construction, Current Sensing, High Power/Size Ratio, Complete Welded Construction, High Thermal Conductivity and Moisture Resistance for Aqueous Board Wash Systems
|
Vishay
|
1N965 JANTX1N957B-1 1N960 1N985 1N963 1N967 JANTXV |
METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 24 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 10 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 56 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 MVSTBW 2,5/21-ST 12 V, 0.417 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AA Zener Voltage Regulator Diode RES 348-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
|
MICROSEMI CORP-LAWRENCE Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
G751 G750A |
Desktop Cases - ABS
|
List of Unclassifed Manufacturers
|
200-903-01 200-903-91 182-002 186-003 186-004 186- |
TG88-6 ?ABS and Polycarbonate ?84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
|
Altech corporation
|
TG2516-12 |
ABS/POLYCARBONATE ENCLOSURE TG 2516-12
|
Altech corporation
|
TG3023-9 |
ABS/POLYCARBONATE ENCLOSURE TG 3023-9
|
Altech corporation
|
TLE6210 |
(TLE6210 / TLE6211) ABS System IC
|
Infineon Technologies
|
U6809BNBSP U6809B |
Fail-Safe IC (for ABS and general purpose) From old datasheet system
|
Atmel Corp
|
TC-311 |
TC-311, Heavy-duty ABS cases with wheels and telescoping handle
|
List of Unclassifed Manufacturers
|
Q604013ABI Q604013ABICC Q604013PCIQRCCR Q604013PCI |
Body is impact-resistant polycarbonate for PCI series and ABS for ABI series Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
|
List of Unclassifed Man...
|
|