PART |
Description |
Maker |
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
BSS138 |
Power Resistor; Series:HLW; Resistance:1ohm; Resistance Tolerance: /- 5%; Power Rating:20W; Operating Temperature Range:-55 C to 350 C; Resistor Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: No
|
FAIRCHILD SEMICONDUCTOR CORP
|
IDTQS3R245 QS3R245_DS_47627 QS3R245Q |
8-Bit, 2.5 ohms Resistance Bus Switch HIGH-SPEED CMOS QUICKSWITCH 8-BIT LOW RESISTANCE BUS SWITCH From old datasheet system
|
IDT[Integrated Device Technology]
|
VTD175 VTD170XS VTD170 VTD175L VTD175S VTD175XL VT |
85 ∑C to -40 ∑C 10 times % typical resistance change 85 ∑C to -40 ∑C 10 times 【5 % typical resistance change POLYFUSE RESETTABLE FUSES 85 °C to -40 °C 10 times ±5 % typical resistance change
|
Littelfuse, Inc.
|
2SK3731 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
2SK3652 |
Low on-resistance, low Qg High avalanche resistance For high-speed switching
|
TY Semiconductor Co., Ltd
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
IRF7702GPBF IRF7703GPBF |
HEXFETPower MOSFET Ultra Low On-Resistance 1.8V Rated Ultra Low On-Resistance P-Channel MOSFET Very Small SOIC Package Low Profile (1.2mm) Available in Tape & Reel Lead-Free Halogen-Free
|
International Rectifier
|
ADG1404YRUZ-REEL7 ADG1404 ADG1404YCPZ-500RL7 ADG14 |
2?Max On Resistance, ±15 V/12 V/±5 V 4:1 iCMOS?/a> Multiplexer 2з Max On Resistance, 【15 V/12 V/【5 V 4:1 iCMOS⑩ Multiplexer
|
AD[Analog Devices]
|
BR-BX11V1-12V BR-B2134-12V BR-B21V1-12V BR-B31V1-1 |
Metal Oxide Resistor; Series:MP800; Resistance:15ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V 电阻LED节能灯(圆形类型 RESISTOR LED LAMPS (ROUND TYPES) 电阻LED节能灯(圆形类型 MOSFET N-CH 600V 26A PLUS220-SMD Metal Oxide Resistor; Series:MP800; Resistance:16ohm; Resistance Tolerance: /- 1 %; Power Rating:20W; Temperature Coefficient:-20 to 50 ppm/ C; Terminal Type:Radial Leaded; Package/Case:2-TO-220; Voltage Rating:300V
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|