PART |
Description |
Maker |
RT9262A RT9262ACS RT9262 RT9262CS |
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
|
ETC N.A. Richtek Technology Corporation
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADP3025 ADP3025JRU-REEL ADP3025ARU-REEL7 |
High-Efficiency Notebook Computer Power Supply Controller High Efficiency Dual Output Power Supply Controller
|
AD[Analog Devices]
|
LTC1697 LTC1697EMS LTC1697EMSPBF |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS High Efficiency Low Power 1W CCFL Switching Regulator
|
LINEAR TECHNOLOGY CORP
|
MAX1977 MAX1977EEI MAX1777 MAX1999EEI |
High-Efficiency / Quad Output / Main Power- Supply Controllers for Notebook Computers High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO28
|
Maxim Integrated Products, Inc.
|
XAIS3657 |
280W AC/DC High Efficiency Power Supply
|
Wall Industries,Inc.
|
A6155SO8B A6155 A6155DL8A A6155SO8A |
High Efficiency Linear Power Supply
|
EM Microelectronic-Marin SA ETC[ETC] List of Unclassifed Manufacturers
|
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
HE104-512-16 HE104 |
PC/104 High Efficiency Vehicle Power Supply PC/104模块高效率汽车供
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
ADP3026 ADP3026ARU |
High-Efficiency Notebook Computer Power Supply Controller
|
Analog Devices
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|