PART |
Description |
Maker |
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
NBSG11 NBSG111 NBSG11BA NBSG53A NBSG53ABA NBSG53AM |
2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 2.5 V/3.3 V SiGe Differential Smart Gate with Output Level Select
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
DG459DJ DG459AK_883 DG459AZ_883 DG458DJ DG458 DG45 |
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers 故障保护8-Ch/Differential 4通道模拟多路复用
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
EL5172IS EL5172 EL5172IS-T13 EL5172IS-T7 EL5172IY |
Triple, 250MHz, Differential Twisted-Pair Receiver 250MHz Differential Line Receivers
|
Intersil Corporation
|
ICS94241FLF-T |
Programmable TCHfor Differential PIIIProcessor 可编程清桦⑩⑩微分PIII处理 Programmable TCH??for Differential PIII??Processor
|
AZ Displays, Inc.
|
LTC1458L LTC1458 LTC1458CG LTC1458CSW 14588LF LTC1 |
Dual General Purpose LinCMOS(TM) Differential Comparator 8-TSSOP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SOIC 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-PDIP 0 to 70 Dual General Purpose LinCMOS(TM) Differential Comparator 8-SO 0 to 70 Low-Power LinCMOS(TM) Quad Comparator with Totem Pole Output 14-CDIP -55 to 125 Quad 12-Bit Rail-to-Rail Micropower DACs From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
AD8145 AD8145YCPZ-RL AD8145YCPZ-R2 AD8145YCPZ-R7 |
High Speed, Triple Differential Receiver with Comparators The AD8145 is a triple, low cost, differential-to-single-ended receiver specifically designed for re
|
AD[Analog Devices]
|
SFH221S SFH221 Q62702-P270 |
Silizium-Differential-Fotodiode Silicon Differential Photodiode From old datasheet system
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
ICS854S006I ICS854S006AGILF |
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
|
Integrated Device Technolog...
|