PART |
Description |
Maker |
310FS001B 310FS001C 310FS001G 310FJ001B 310FJ001C |
O-Ring Sealed Shrink Boot Adapter
|
Glenair, Inc.
|
RT-375-1/16-X-4FT RNF-100-1/2-5-4FT RNF-100-3/8-5- |
Metal Film Resistor - RN 1/4 T2 590K 1% A HEAT SHRINK WHT 1.2M HEAT SHRINK CLR 1.2M 热缩CLR120 HEAT SHRINK BLK 1.2M 热缩120万座 HEAT SHRINK YEL 1.2M 热缩杨氏120 HEAT SHRINK BLU 1.2M 热缩背光120 HEAT SHRINK RED 1.2M 热缩120 HEAT SHRINK GRN 1.2M 热缩GRN 120 HEAT SHRINK CLR 1.2M 热缩CLR20
|
CTS, Corp. Euroquartz, Ltd. TE Connectivity, Ltd. NIC Components, Corp.
|
M85049-62-18AD M85049-62-12WD M85049-62-08AD M8504 |
Shrink Boot Adapters
|
Glenair, Inc.
|
770-031 |
Right Angle Heat Shrink Boot
|
Glenair, Inc.
|
440LJ031M20 440LJ031M22 440LJ031M24 440LJ031M28 44 |
EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile EMI/RFI Banding and Shrink Boot Adapter Direct Coupling - Standard Profile
|
Glenair, Inc.
|
440LN069M10 440LN069M12 440LN069M14 440LN069M16 44 |
EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Full Radius Profile EMI/RFI Banding and Shrink Boot Adapter Self-Locking Rotatable Coupling - Full Radius Profile
|
Glenair, Inc.
|
M85049-61-08 M85049-61-10 M85049-61-12 M85049-61-1 |
Potting Boot Ring
|
Glenair, Inc.
|
84507-0012 |
XRC Sealed Plug with Socket Insert, Shell Size 18, 14 Circuits, Blue Ring
|
Molex Electronics Ltd.
|
84501-0001 |
XRC Sealed Plug with Pin Insert, Shell Size 18, 14 Circuits, Blue Ring
|
Molex Electronics Ltd.
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|