PART |
Description |
Maker |
Y1485V0052QT9R Y1485V0065QT9R Y1485V0066QT9R Y1485 |
High Precision Bulk Metal㈢ Foil Surface Mount Voltage Divider High Precision Bulk Metal? Foil Surface Mount Voltage Divider High Precision Bulk Metal庐 Foil Surface Mount Voltage Divider High Precision Bulk Metal垄莽 Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
300144TR1TCR2AAB 300144TR1TCR2ABB 300144TR1TCR2ADB |
High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/∑C and Tolerance Match to 0.005 % (50 ppm) High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm) High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/掳C and Tolerance Match to 0.005 % (50 ppm) High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/隆?C and Tolerance Match to 0.005 % (50 ppm)
|
Vishay Siliconix
|
300198Z 300193Z 300194Z 300190Z 300195Z 300192Z 30 |
Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/隆?C and Resistance Match to 隆戮 0.005% (50 ppm) Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
|
Vishay Siliconix
|
PFC-D1206-01-1003-3301-AA PFC-D1206-02-1003-3301-A |
TaNFilm Precision Chip Voltage Divider
|
IRC - a TT electronics Company.
|
PAC27A01TB |
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK P /主动精密分压器网
|
California Micro Devices Corporation
|
5962-8764807QYA 5962-8764806QYA 5962-8764809QYA 59 |
x8 EPROM High-Precision, 10V Reference Pin-Programmable Precision Voltage Reference High-Precision 2.5V Voltage Reference x8存储
|
Littelfuse, Inc.
|
ISL60007DIB825Z ISL60007CIB825Z |
Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil, Corp.
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
S807SERIES S80750 S80728 |
(S807 Series) High Precision Voltage Detector From old datasheet system Series High-Precision Voltage Detector
|
Seiko
|
MCP152505 MCP1541 MCP1525 MCP1525-I/P MCP1525-I/TO |
2.5V and 4.096V Voltage References MCP1525 is a low power, high precision voltage reference. It provides a precise output voltage of 2.5V which is then compared to ... MCP1541 is a low power, high precision voltage reference. It provides a precise output voltage of 4.096V which is then compared to ...
|
MICROCHIP[Microchip Technology]
|
RDX3C RDX RDX4A RDX2A RDX7A RDX7B RDX7C RDX5 RDX2B |
Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
|
Vishay Siliconix
|
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|