PART |
Description |
Maker |
MASW-011036-001SMB MASW-011036-14130G MASW-011036- |
Ka-Band High Power Terminated SPDT PIN Switch Die with G-S-G RF Pads and DC Bias Pads
|
M/A-COM Technology Solu...
|
L532 |
IGBT phaseleg in ISOPLUS i4-PAC IGBTphaseleg在ISOPLUS i4 - PAC
|
IXYS, Corp. IXYS[IXYS Corporation]
|
240239-22 659185-030-22 240239-21 659192-22 659194 |
PRUEFSPITZE SICHERHEIT 2MM ROT Voltage Detectors PRUEFSPITZE SICHERHEIT 2MM SCHWARZ 5V to ±10V Voltage Converters MESSLEITUNG SICHERHEIT 0.5MM 300MM SCHW. KROKODILKLEMMLEITUNG 600MM SCHWARZ MESSLEITUNG SICHERHEIT 0.5MM 600MM SCHW. MESSLEITUNG SICHERHEIT 2MM 600MM SCHWARZ MESSLEITUNG SICHERHEIT 0.5MM 1000MM SCHW MESSLEITUNG SICHERHEIT 2MM 300MM SCHWARZ 5V to ±10V Voltage Converters 面板插座毫米黑色
|
TE Connectivity, Ltd.
|
CEI309C32C1 CEI309C32C3 CEI309B32C1 CEI309B32C3 CE |
3.2mm x 10.5mm and 3.2 x 9.0mm Tubular
|
Caliber Electronics Inc... http:// ETC List of Unclassifed Manufacturers List of Unclassifed Man...
|
CTX8-1A-R CTX0.47-1-R CTX0.47-2-R CTX0.47-2P-R CTX |
ECONO-PAC?OCTA-PAC? OCTA-PAC? PLUS Power Inductors and Transformers Surface mount magnetics that can be used as singleor coupled inductors or 1:1 transformers that provide isolation between two windings 2 ELEMENT, 0.284 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 0.6 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
08-50-0030 |
2.5mm KK Crp Term Chn il W/Ct Ear 2.2mm
|
MOLEX INC
|
SML-LXR85USBC-TR |
0.5mm x 3.2mm PCB, RIGHT ANGLE SURFACE MOUNT LED
|
LUMEX INC.
|
NRSJ151M25V10X12.5TBF NRSJ121M50V10X12.5TBF NRSJ10 |
Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 470 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 680 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors 小型铝电解钙泛非i职权范围 Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 180 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 120 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 100 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 330 uF, THROUGH HOLE MOUNT Miniature Aluminum Electrolytic Ca pac i tors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components Corp. 铝电解电 NIC Components, Corp.
|
P20-0345R |
PITCH 2.5mm HEIGHT 4.2mm 3-POS POGO PIN CONNECTOR
|
Harwin Plc
|
566-0306 566-XX06 566-0406 566-0206 521-9499 521-9 |
2mm x 5mm Rectangular LED CBI Circuit Board Indicator
|
DIALIGHT[Dialight Corporation]
|
HSEB1 HXXDC1 HXXDC3 HXXAB1 HXXAB3 HXXAA1 HXXAA3 HS |
6.0mm x 3.5 mm x1.2mm Ceramic Package
|
MMD Components
|
|